Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZW03D110 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części BZW03D110
Szczegółowy opis  Zener Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZW03D110 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  BZW03D110 Datasheet HTML 1Page - Vishay Siliconix BZW03D110 Datasheet HTML 2Page - Vishay Siliconix BZW03D110 Datasheet HTML 3Page - Vishay Siliconix BZW03D110 Datasheet HTML 4Page - Vishay Siliconix BZW03D110 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85602
Rev. 1.5, 26-Aug-10
BZW03-Series
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Electrical Characteristics
BZW03C...
1) Exp. falling pulse, t
p = 500 µs down to 37 %
2) Stand-off reverse voltage = recommended supply voltage
Part number
Zener voltage range
Dynamic
resistance
Test
current
Temperature
coefficient of
Zener voltage
Reverse
leakage
current
Clamping
Stand off
VZ at IZ
rzj and TKVZ
atIZ
IZ
TCVZ at IZT
IR at VR
V(CL)R
1)
at IRMS
IR at VR
2)
V
Ω
mA
%/K
µA
V
V
A
µA
V
min.
typ.
max.
typ.
max.
min.
max.
max.
max.
max.
BZW03C6V8
6.4
6.8
7.2
0.7
1.5
175
0
0.07
2000
5.1
10.3
48.5
4000
5.6
BZW03C7V5
7
7.5
7.9
0.7
1.5
175
0
0.07
1500
5.6
11.3
44.2
3000
6.2
BZW03C8V2
7.7
8.2
8.7
0.8
1.5
150
0.03
0.08
1200
6.2
12.3
40.6
2400
6.8
BZW03C9V1
8.5
9.1
9.6
0.9
2
150
0.03
0.08
40
6.8
13.3
37.6
100
7.5
BZW03C10
9.4
10
10.6
1
2
125
0.05
0.09
20
7.5
14.8
34
40
8.2
BZW03C11
10.4
11
11.6
1.1
2.5
125
0.05
0.1
15
8.2
15.7
31.8
30
9.1
BZW03C12
11.4
12
12.7
1.1
2.5
100
0.05
0.1
10
9.1
17
29.4
20
10
BZW03C13
12.4
14
14.1
1.2
2.5
100
0.05
0.1
4
10
18.9
26.4
10
11
BZW03C15
13.8
15
15.6
1.2
2.5
75
0.05
0.1
2
11
20.9
23.9
10
12
BZW03C16
15.3
16
17.1
1.3
2.5
75
0.06
0.11
2
12
22.9
21.8
10
13
BZW03C18
16.8
18
19.1
1.3
2.5
65
0.06
0.11
2
13
25.6
19.5
10
15
BZW03C20
18.8
20
21.2
1.5
3
65
0.06
0.11
2
15
28.4
17.6
10
16
BZW03C22
20.8
22
23.3
1.6
3.5
50
0.06
0.11
2
16
31
16.1
10
18
BZW03C24
22.8
24
25.6
1.8
3.5
50
0.06
0.11
2
18
33.8
14.8
10
20
BZW03C27
25.1
27
28.9
2.5
5
50
0.06
0.11
2
20
38.1
13.1
10
22
BZW03C30
28
30
32
4
8
40
0.06
0.11
2
22
42.2
11.8
10
24
BZW03C33
31
33
35
5
10
40
0.06
0.11
2
24
46.2
10.8
10
27
BZW03C36
34
36
38
6
11
30
0.06
0.11
2
27
50.1
10
10
30
BZW03C39
37
39
41
7
14
30
0.06
0.11
2
30
54.1
9.2
10
33
BZW03C43
40
43
46
10
20
30
0.07
0.12
2
33
60.7
8.2
10
36
BZW03C47
44
47
50
12
25
25
0.07
0.12
2
36
65.5
7.6
10
39
BZW03C51
48
51
54
14
27
25
0.07
0.12
2
39
70.8
7
10
43
BZW03C56
52
56
60
18
35
20
0.07
0.12
2
43
78.6
6.3
10
47
BZW03C62
58
62
66
20
42
20
0.08
0.13
2
47
86.5
5.8
10
51
BZW03C68
64
68
72
22
44
20
0.08
0.13
2
51
94.4
5.3
10
56
BZW03C75
70
75
79
25
45
20
0.08
0.13
2
56
103.5
4.8
10
62
BZW03C82
77
82
87
30
65
15
0.08
0.13
2
62
114
4.3
10
68
BZW03C91
85
91
96
40
75
15
0.09
0.13
2
68
126
3.9
10
75
BZW03C100
94
100
106
45
90
12
0.09
0.13
2
75
139
3.6
10
82
BZW03C110
104
110
116
65
125
12
0.09
0.13
2
82
152
3.3
10
91
BZW03C120
114
120
127
90
170
10
0.09
0.13
2
91
167
3
10
100
BZW03C130
124
130
141
100
190
10
0.09
0.13
2
100
185
2.7
10
110
BZW03C150
138
150
156
150
330
8
0.09
0.13
2
110
204
2.4
10
120
BZW03C160
153
160
171
180
350
8
0.09
0.13
2
120
224
2.2
10
130
BZW03C180
168
180
191
210
430
5
0.09
0.13
2
130
249
2
10
150
BZW03C200
188
200
212
250
500
5
0.09
0.13
2
150
276
1.8
10
160
BZW03C220
208
220
233
350
700
5
0.09
0.13
2
160
305
1.6
10
180
BZW03C240
228
240
256
450
900
5
0.09
0.13
2
180
336
1.5
10
200
BZW03C270
251
270
289
600
1200
5
0.09
0.13
2
200
380
1.3
10
220


Podobny numer części - BZW03D110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZW03D110 VISHAY-BZW03D110 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03D110 VISHAY-BZW03D110 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
logo
New Jersey Semi-Conduct...
BZW03D110 NJSEMI-BZW03D110 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
More results

Podobny opis - BZW03D110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com