Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11600JV Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LB11600JV
Szczegółowy opis  Brushless Motor Predriver IC for Automotive Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11600JV Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LB11600JV_11 Datasheet HTML 1Page - Sanyo Semicon Device LB11600JV_11 Datasheet HTML 2Page - Sanyo Semicon Device LB11600JV_11 Datasheet HTML 3Page - Sanyo Semicon Device LB11600JV_11 Datasheet HTML 4Page - Sanyo Semicon Device LB11600JV_11 Datasheet HTML 5Page - Sanyo Semicon Device LB11600JV_11 Datasheet HTML 6Page - Sanyo Semicon Device LB11600JV_11 Datasheet HTML 7Page - Sanyo Semicon Device LB11600JV_11 Datasheet HTML 8Page - Sanyo Semicon Device LB11600JV_11 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LB11600JV
No.8321-2/30
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Rated value
Unit
VCC voltage supply voltage range
VCC
VCC Pin
4.5 to 14
V
Output current
VCC op
UL, VL, WL, UH, VH, and WH pins
30
mA
RF pin voltage
VRF
0 to 3
V
HP pin voltage
VHP
0 to 14
V
HP pin voltage
IHP
0 to 10
mA
Electrical Characteristics at Ta = 25
°C, VCC = 5V
Parameter
Symbol
Conditions
Rated value
Unit
Min.
Typ.
Max.
Current drain 1
ICC1
S/S = 0V
13
20
27
mA
Current drain 2
ICC2
Stop mode, S/S = 5V
1.5
2.5
3.5
mA
Output Block
Output voltage 1-1
VOUT1-1
Low level, IO = 400µA
0.1
0.3
V
Output voltage 1-2
VOUT1-2
Low level, IO = 10mA
0.8
1.1
V
Output voltage 2
VOUT2
High level, IO = -20mA
VCC-1.1
VCC-0.9
V
Hall Amplifier Block
Input bias current
IHB (HA)
-2
-0.5
μA
Common-mode input
voltage range 1
VICM1
When a Hall effect element is used
0.5
VCC-2.0
V
Common-mode input
voltage range 2
VICM2
When a single-sided input bias is used
(Hall IC applications)
0
VCC
V
Hall input sensitivity
80
mVP-P
Hysteresis
ΔVIN (HA)
15
24
40
mV
Input voltage (low
→ high)
VSLH (HA)
5
12
20
mV
Input voltage (high
→ low)
VSHL (HA)
-20
-12
-5
mV
TOC Pin
Input voltage 1
VTOC1
Output duty: 100%
2.72
3.0
3.30
V
Input voltage 2
VTOC2
Output duty: 0%
1.15
1.35
1.55
V
Input voltage 1L
VTOC1L
When VCC = 4.7V
Output duty: 100%
2.5
2.80
3.1
V
Input voltage 2L
VTOC2L
When VCC = 4.7V,
Output duty: 0%
1.05
1.24
1.43
V
Input voltage 1H
VTOC1H
When VCC = 5.3V,
Output duty: 100%
2.88
3.20
3.52
V
Input voltage 2H
VTOC2H
When VCC = 5.3V,
Output duty: 0%
1.17
1.38
1.59
V
CTL Pin
Input offset voltage
VIO (CONT)
-10
10
mV
Input bias current
IB (CONT)
-1
1
μA
Common-mode input
voltage range
VICM
0
VCC-1.7
V
High-level output voltage
VOH (CONT)
ITOC = -0.2mA
VCC-1.1
VCC-0.8
V
Low-level output voltage
VOL (CONT)
ITOC = 0.2mA
0.8
1.1
V
PWM Oscillator (PWM pin)
High-level output voltage
VOH (PWM)
2.75
3.0
3.25
V
Low-level output voltage
VOL (PWM)
1.2
1.35
1.5
V
External capacitor charge
current
1CHG
PWM = 2.1V
-60
-45
-30
μA
Oscillator frequency
F (PWM)
C = 1000pF
20
25
30
kHz
Amplitude
Vp-p (PWM)
1.25
1.65
2.05
VP-P
HP Pin
Output saturation voltage
VHPL
IO = 7mA
0.15
0.5
V
Output leakage current
IHPleak
VO = 13.5V
10
μA
Continued on next page.


Podobny numer części - LB11600JV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
More results

Podobny opis - LB11600JV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB1823M SANYO-LB1823M Datasheet
119Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
   Brushless motor predriver
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com