Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11872H Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LB11872H
Szczegółowy opis  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11872H Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LB11872H_08 Datasheet HTML 1Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 2Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 3Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 4Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 5Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 6Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 7Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 8Page - Sanyo Semicon Device LB11872H_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LB11872H
No.7257-2/11
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VCC
10 to 28
V
6.3 V regulator-voltage output current
IREG
0 to -20
mA
LD pin applied voltage
VLD
0 to 28
V
LD pin output current
ILD
0 to 15
mA
FGS pin applied voltage
VFG
0 to 28
V
FGS pin output current
IFG
0 to 10
mA
Electrical Characteristics at Ta
= 25°C, VCC = VM = 24V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current 1
ICC1
Stop mode
5
7
mA
Supply current 2
ICC2
Start mode
17
22
mA
Output saturation voltages VAGC = 3.5V
SOURCE (1)
VSAT1-1
IO = 0.5A, RF = 0Ω
1.7
2.2
V
SOURCE (2)
VSAT1-2
IO = 1.0A, RF = 0Ω
2.0
2.7
V
SINK (1)
VSAT2-1
IO = 0.5A, RF = 0Ω
0.4
0.9
V
SINK (2)
VSAT2-2
IO = 1.0A, RF = 0Ω
1.0
1.7
V
Output leakage current
IO (LEAK)
VCC = 28V
100
μA
6.3V Regulator-voltage output
Output voltage
VREG
5.90
6.25
6.60
V
Voltage regulation
ΔVREG1
VCC = 9.5 to 28V
50
100
mV
Load regulation
ΔVREG2
Iload = -5 to -20mA
10
60
mV
Temperature coefficient
ΔVREG3
Design target value*1
0
mV/
°C
Hall amplifier block
Input bias current
IB (HA)
Differential input : 50mVp-p
2
10
μA
Differential input voltage range
VHIN
SIN wave input
50
*600
mVp-p
Common-phase input voltage range
VICM
Differential input : 50mVp-p
2.0
VCC-2.5
V
Input offset voltage
VIOH
Design target value*1
-20
20
mV
FG amplifier and schmitt block (IN1)
Input amplifier gain
GFG
5
Times
Input hysteresis (high to low)
VSHL
0
mV
Input hysteresis (low to high)
VSLH
-10
mV
Hysteresis width
VFGL
Input conversion
4
7
12
mV
Low-voltage protection circuit
Operating voltage
VSD
8.4
8.8
9.2
V
Hysteresis width
ΔVSD
0.2
0.4
0.6
V
Thermal protection circuit
Thermal shutdown operating
temperature
TSD
Design target value*1 (junction temperature)
150
180
°C
Hysteresis width
ΔTSD
Design target value*1 (junction temperature)
40
°C
Current limiter operation
Acceleration limit voltage
VRF1
0.53
0.59
0.65
V
Deceleration limit voltage
VRF2
0.32
0.37
0.42
V
Error amplifier
Input offset voltage
VIO (ER)
Design target value*1
-10
10
mV
Input bias current
IB (ER)
-1
1
μA
High-level output voltage
VOH (ER)
IOH = -500μA
VREG-1.2
VREG-0.9
V
Low-level output voltage
VOL (ER)
IOL = 500μA
0.9
1.2
V
DC bias level
VB (ER)
-5%
1/2VREG
5%
V
Note* : Since kickback can occur in the output waveform if the Hall input amplitude is too large, the Hall input. amplitudes should be held to under 350mVp-p.
*1 : This parameter is a design target value and is not measured.
Continued on next page.


Podobny numer części - LB11872H_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
logo
ON Semiconductor
LB11872H ONSEMI-LB11872H Datasheet
126Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
More results

Podobny opis - LB11872H_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com