Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11922 Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LB11922
Szczegółowy opis  For OA Products Three-Phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11922 Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LB11922 Datasheet HTML 4Page - Sanyo Semicon Device LB11922 Datasheet HTML 5Page - Sanyo Semicon Device LB11922 Datasheet HTML 6Page - Sanyo Semicon Device LB11922 Datasheet HTML 7Page - Sanyo Semicon Device LB11922 Datasheet HTML 8Page - Sanyo Semicon Device LB11922 Datasheet HTML 9Page - Sanyo Semicon Device LB11922 Datasheet HTML 10Page - Sanyo Semicon Device LB11922 Datasheet HTML 11Page - Sanyo Semicon Device LB11922 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LB11922
No.7497-8/15
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
6
FGS
FG amplifier output (after the Schmitt circuit).
This is an open collector output.
6
VCC
7
LD
Speed lock detection output.
Goes low when the motor speed is within the
speed lock range (
±6.25%).
7
VCC
8
DOUT
Speed discriminator output.
Acceleration
→ high, deceleration → low
8
VCC
9
POUT
Speed control system PLL output.
Outputs the phase comparison result for
CLK and FG.
9
VCC
10
INT IN
Integrating amplifier inverting input.
VCC
500
Ω
500
Ω
10
Continued on next page.


Podobny numer części - LB11922

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11922 SANYO-LB11922 Datasheet
551Kb / 19P
   MONOLITHIC DIGITAL TRANSISTOR
logo
ON Semiconductor
LB11922 ONSEMI-LB11922 Datasheet
180Kb / 15P
   Three-Phase Brushless Motor Driver
May, 2013
More results

Podobny opis - LB11922

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com