Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11923V Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LB11923V
Szczegółowy opis  Three-Phase Brushless Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11923V Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LB11923V_06 Datasheet HTML 1Page - Sanyo Semicon Device LB11923V_06 Datasheet HTML 2Page - Sanyo Semicon Device LB11923V_06 Datasheet HTML 3Page - Sanyo Semicon Device LB11923V_06 Datasheet HTML 4Page - Sanyo Semicon Device LB11923V_06 Datasheet HTML 5Page - Sanyo Semicon Device LB11923V_06 Datasheet HTML 6Page - Sanyo Semicon Device LB11923V_06 Datasheet HTML 7Page - Sanyo Semicon Device LB11923V_06 Datasheet HTML 8Page - Sanyo Semicon Device LB11923V_06 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
No. 7498-2/20
LB11923V
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
4.4 to 7.0
V
Input current range
IREG
VREG pin (7 V)
0.2 to 1.5
mA
FG Schmitt output applied voltage
VFGS
0 to 7
V
FG Schmitt output current
IFGS
0 to 5
mA
Lock detection applied voltage
VLD
0 to 7
V
Lock detection output current
ILD
0 to 20
mA
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
ICC121
29.5
mA
Supply current
ICC2
In stop mode
2.3
3.3
mA
ICC3VCC = 5 V
20
28
mA
ICC4VCC = 5 V, In stop mode
2.1
2.9
mA
Output saturation voltage 1-1
VO sat1-1 At low level: IO = 400 µA
0.1
0.3
V
Output saturation voltage 1-2
VO sat1-2 At low level: IO = 10 mA
0.8
1.2
V
Output saturation voltage 2
VO sat2
At high level: IO = –20 mA
VCC – 1.2
VCC – 0.9
V
[Hall Amplifier]
Input bias current
IHB(HA)
–2
–0.1
µA
Common-mode input voltage range 1
VICM1
When Hall-effect sensors are used
0.5
VCC – 2.0
V
Common-mode input voltage range 2
VICM2
When one-side biased inputs are used
0VCC
V
(Hall-effect IC applications)
Hall input sensitivity
Sine wave
100
mVp-p
Hysteresis
∆VIN(HA)
25
35
52
mV
Input voltage low → high
VSLH
91729
mV
Input voltage high → low
VSHL
–29
–18
–9
mV
[PWM Oscillator]
Output high-level voltage 1
VOH(PWM)1
3.5
3.8
4.1
V
Output high-level voltage 2
VOH(PWM)2VCC = 5 V
2.75
3.0
3.25
V
Output low-level voltage 1
VOL(PWM)1
1.8
2.1
2.4
V
Output low-level voltage 2
VOL(PWM)2VCC = 5 V
1.45
1.65
1.9
V
Oscillator frequency
f(PWM)
C = 560 pF
22
kHz
Amplitude 1
V(PWM)1
1.4
1.7
2.0
Vp-p
Amplitude 2
V(PWM)2VCC = 5 V
1.1
1.35
1.6
Vp-p
[CSD Oscillator]
Output high-level voltage 1
VOH(CSD)13.95
4.4
4.85
V
Output high-level voltage 2
VOH(CSD)2VCC = 5 V
3.15
3.5
3.85
V
Output low-level voltage 1
VOL(CSD)1
1.1
1.4
1.7
V
Output low-level voltage 2
VOL(CSD)2VCC = 5 V
0.9
1.1
1.3
V
External capacitor charge current
ICHG1
–13
–9
–6
µA
External capacitor discharge current
ICHG28
12
16
µA
Oscillator frequency
f(RK)
C = 0.068 µF
22
Hz
Amplitude 1
V(RK)12.65
3.0
3.35
Vp-p
Amplitude 2
V(RK)2VCC = 5 V
2.1
2.4
2.65
Vp-p
[VCO Oscillator C pin]
Output high-level voltage 1
VOH(C)12.10
2.40
2.65
V
Output high-level voltage 2
VOH(C)2VCC = 5 V
2.00
2.30
2.55
V
Output low-level voltage 1
VOL(C)11.60
1.90
2.10
V
Output low-level voltage 2
VOL(C)2VCC = 5 V
1.55
1.80
2.05
V
Oscillator frequency
f(C)
1.0
MHz
Amplitude 1
V(C)1
0.3
0.5
0.7
Vp-p
Amplitude 2
V(C)2VCC = 5 V
0.3
0.5
0.7
Vp-p
Electrical Characteristics at Ta = 25°C, VCC = 6.3 V
Continued on next page.
*Note: Not tested


Podobny numer części - LB11923V_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11923V-A-TLM-E ONSEMI-LB11923V-A-TLM-E Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
LB11923V-TLM-E ONSEMI-LB11923V-TLM-E Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
LB11923V ONSEMI-LB11923V_18 Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
More results

Podobny opis - LB11923V_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com