Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX374 Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części 74LCX374
Szczegółowy opis  LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LCX374 Arkusz danych(HTML) 2 Page - Motorola, Inc

  74LCX374 Datasheet HTML 1Page - Motorola, Inc 74LCX374 Datasheet HTML 2Page - Motorola, Inc 74LCX374 Datasheet HTML 3Page - Motorola, Inc 74LCX374 Datasheet HTML 4Page - Motorola, Inc 74LCX374 Datasheet HTML 5Page - Motorola, Inc 74LCX374 Datasheet HTML 6Page - Motorola, Inc 74LCX374 Datasheet HTML 7Page - Motorola, Inc 74LCX374 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74LCX374
MOTOROLA
LCX DATA
BR1339 — REV 3
2
O0
D0
O1
D1
O2
D2
O3
D3
O4
D4
O5
D5
O6
D6
O7
D7
LOGIC DIAGRAM
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
CP
OE
3
4
7
8
13
14
17
18
2
5
6
9
12
15
16
19
11
1
INPUTS
OUTPUTS
OE
CP
Dn
On
OPERATING MODE
L
L
l
h
L
H
Load and Read Register
L
X
NC
Hold and Read Register
H
X
Z
Hold and Disable Outputs
H
H
l
h
Z
Z
Load Internal Register and Disable Outputs
H = High Voltage Level; h = High Voltage Level One Setup Time Prior to the Low–to–High Clock Transition; L = Low
Voltage Level; l = Low Voltage Level One Setup Time Prior to the Low–to–High Clock Transition; NC = No Change, State
Prior to Low–to–High Clock Transition; X = High or Low Voltage Level and Transitions are Acceptable; Z = High
Impedance State;
↑ = Low–to–High Transition; ↑ = Not a Low–to–High Transition; For ICC Reasons DO NOT FLOAT
Inputs


Podobny numer części - 74LCX374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LCX374 ONSEMI-74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
STMicroelectronics
74LCX374 STMICROELECTRONICS-74LCX374 Datasheet
74Kb / 10P
   OCTAL D-TYPE FLIP FLOP NON INVERTING 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS
February 1999
logo
Toshiba Semiconductor
74LCX374 TOSHIBA-74LCX374 Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Podobny opis - 74LCX374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ574 MOTOROLA-MC74LVQ574 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com