Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC749880T Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC749880T
Szczegółowy opis  Silicon gate Image controller LSI for LCD-TV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749880T Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC749880T Datasheet HTML 7Page - Sanyo Semicon Device LC749880T Datasheet HTML 8Page - Sanyo Semicon Device LC749880T Datasheet HTML 9Page - Sanyo Semicon Device LC749880T Datasheet HTML 10Page - Sanyo Semicon Device LC749880T Datasheet HTML 11Page - Sanyo Semicon Device LC749880T Datasheet HTML 12Page - Sanyo Semicon Device LC749880T Datasheet HTML 13Page - Sanyo Semicon Device LC749880T Datasheet HTML 14Page - Sanyo Semicon Device LC749880T Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LC749880T
No.A1186-11/17
Pin Type
I/O type
Function
Equivalent circuit
Applicable pins
A
Analog I/O
CRIN, VRT1, VRB1, CBIN, SC, VRT2, VRB2,
NBIAS, VREF1, SVO, YIN, SY, CVBS1,
CVBS2, VRT3, VRB3, VRTC, LPFO, LPFVDD,
CHAGPUP, VCOR
B
5V withstand
Schmidt trigger
CMOS input*
RESET,
VSI, HSI,
PDWN, SCL
C
5V withstand
With Pull-down
CMOS input*
SCANEN, SCANMOD, I
2CSEL,
RIN, GIN, BIN, BLKIN, TEST,
MODE0, MODE1, MODE2
D
Oscillator circuit I/O
XIN, XOUT
E
8mA 3-STATE drive
CMOS output*
TIM0, TIM1, TIM2, VP00, VP01, VP02,
VP03, VP04, VP05, VP06, VP07, VP08,
VP09, VP10, VP11, VP12, VP13, VP14,
VP15, VP16, VP17, VP18, VP19, VP20,
VP21, VP22, VP23, HSO, VSO
F
12mA 3-STATE drive
CMOS output*
DCLKO2, DCLKO
G
8mA 3-STATE drive
CMOS I/O*
GRST, FLM, OE, CPV, STRB, SP, DEXR,
POL, VP24, VP25, VP26, VP27, VP28, VP29,
VP30, VP31, VP32, VP33, VP34, VP35,
SDA
H
12mA 3-STATE drive
CMOS I/O*
DCLKO3
*: 5V Tolerant


Podobny numer części - LC749880T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
LC749870W SANYO-LC749870W Datasheet
559Kb / 45P
   Silicon gate NTSC/PAL/SECAM Digital Video Decoder
More results

Podobny opis - LC749880T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC822973 SANYO-LC822973 Datasheet
214Kb / 27P
   CMOS LSI TV Image Viewer LSI
logo
OKI electronic componet...
MSM6355 OKI-MSM6355 Datasheet
706Kb / 36P
   LCD CONTROLLER LSI
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
   CRT/LCD CONTROLLER LSI
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
logo
Toshiba Semiconductor
T6963CFG TOSHIBA-T6963CFG Datasheet
821Kb / 47P
   DOT MATRIX LCD CONTROLLER LSI
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Timing Controller
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
   Colour LCD/CRT/TV Controller
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
   Entry level LCD TV controller
logo
Toshiba Semiconductor
JTMP0360-002S TOSHIBA-JTMP0360-002S Datasheet
2Mb / 50P
   LSI for LCD Watches
logo
List of Unclassifed Man...
SED1336 ETC1-SED1336 Datasheet
52Kb / 12P
   CMOS GRAPHIC LCD/TV CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com