Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


SCH1337 Datasheet(Arkusz danych) 1 Page - Sanyo Semicon Device

Numer części SCH1337
Szczegółowy opis  General-Purpose Switching Device Applications
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
SCH1337
No. A1867-1/4
Features
ON-resistance RDS(on)1=115mΩ(typ.)
4V drive
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--2
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--8
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm)
0.8
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7028-002
Ordering number : ENA1867A
D2210 TKIM/D0110PE TKIM TC-00002465
SANYO Semiconductors
DATA SHEET
SCH1337
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: SCH6
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 5,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1.6
0.5
0.2
0.2
1
3
2
64
5
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
SANYO : SCH6
3
4
1, 2, 5, 6
TL
YN




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl