Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


HFA08SD60S-M3 Datasheet(Arkusz danych) 6 Page - Vishay Siliconix

Numer części HFA08SD60S-M3
Szczegółowy opis  HEXFRED Ultrafast Soft Recovery Diode, 8 A
Pobierz  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo 

   
 6 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93474
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 31-Mar-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-HFA08SD60S-M3
Vishay Semiconductors
HEXFRED® Ultrafast Soft Recovery Diode, 8 A
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-HFA08SD60S-M3
75
3000
Antistatic plastic tube
VS-HFA08SD60STR-M3
2000
2000
13" diameter reel
VS-HFA08SD60SL-M3
3000
3000
13" diameter reel
VS-HFA08SD60SR-M3
3000
3000
13" diameter reel
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95016
Part marking information
www.vishay.com/doc?95176
Packaging information
www.vishay.com/doc?95033
2
-
HEXFRED® family
3
-
Electron irradiated
4
-
Current rating (08 = 8 A)
5
-
D-PAK
6
-
Voltage rating (60 = 600 V)
7
-
S = D-PAK
8
-
TR = Tape and reel
R = Tape and reel (right oriented)
L = Tape and reel (left oriented)
Device code
5
1
3
2
4
6
7
8
9
HF
VS-
A
08
SD
60
S
TR
-M3
1
-
Vishay Semiconductors product
-
Environmental digit:
-M3 = Halogen-free, RoHS compliant and terminations lead (Pb)-free
9




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl