Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ15016 Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części MJ15016
Szczegółowy opis  Silicon PNP Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ15016 Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ15016 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ15016 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJ15016 Datasheet HTML 3Page - Inchange Semiconductor Company Limited MJ15016 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
MJ15016
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=-0.2A ;IB=0
-120
V
VCEsat-1
Collector-emitter saturation voltage
IC=-4A; IB=-0.4A
-1.1
V
VCEsat-2
Collector-emitter saturation voltage
IC=-10A; IB=-3.3A
-3.0
V
VCEsat-3
Collector-emitter saturation voltage
IC=-15A; IB=-7.0A
-5.0
V
VBE
Base-emitter on voltage
IC=-4A ; VCE=-4V
-1.8
V
ICEO
Collector cut-off current
VCE=-60V; VBE(off)=0
-0.1
mA
ICEV
Collector cut-off current
VCE=Rated Value; VBE(off)=1.5V
TC=150℃
-1.0
-6.0
mA
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-0.2
mA
hFE-1
DC current gain
IC=-4A ; VCE=-2V
10
70
hFE-2
DC current gain
IC=-4A ; VCE=-4V
20
70
hFE-3
DC current gain
IC=-10A ; VCE=-4V
5
Is/b
Second breakdown collector current
With base forward biased
VCE=-60Vdc,t=0.5 s,
Nonrepetitive
-3.0
A
COB
Output capacitance
IE=0 ; VCB=-10V;f=1.0MHz
60
600
pF
fT
Transition frequency
IC=-1A ; VCE=-4V;f=1.0MHz
2.2
MHz


Podobny numer części - MJ15016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
MJ15016 MOSPEC-MJ15016 Datasheet
193Kb / 4P
   POWER TRANSISTORS(15A)
logo
Motorola, Inc
MJ15016 MOTOROLA-MJ15016 Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
logo
ON Semiconductor
MJ15016 ONSEMI-MJ15016 Datasheet
235Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 1
logo
Wing Shing Computer Com...
MJ15016 WINGS-MJ15016 Datasheet
47Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
MJ15016 BOCA-MJ15016 Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
More results

Podobny opis - MJ15016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com