Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SBYV27-50 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SBYV27-50
Szczegółowy opis  Soft Recovery Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV27-50 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SBYV27-50_09 Datasheet HTML 1Page - Vishay Siliconix SBYV27-50_09 Datasheet HTML 2Page - Vishay Siliconix SBYV27-50_09 Datasheet HTML 3Page - Vishay Siliconix SBYV27-50_09 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 88736
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Oct-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
SBYV27-50 thru SBYV27-200
Vishay General Semiconductor
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Reverse Switching Charateristics
Fig. 6 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
0.1
1
10
100
1000
10 000
0
20406080
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
I
F = 2.0 A
V
R = 30 V
Junction Temperature (°C)
t
rr
Q
rr
dI/dt = 150 A/μs
dI/dt = 100 A/μs
dI/dt = 20 A/μs
dI/dt = 50 A/μs
dI/dt = 150 A/μs
dI/dt = 100 A/μs
dI/dt = 20 A/μs
dI/dt = 50 A/μs
Reverse Voltage (V)
100
10
1
0.1
1
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
DO-204AC (DO-15)
0.034 (0.86)
0.028 (0.71)
DIA.
0.140 (3.6)
0.104 (2.6)
DIA.
1.0 (25.4)
MIN.
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.


Podobny numer części - SBYV27-50_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results

Podobny opis - SBYV27-50_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
Shenzhen Taychipst Elec...
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 23-Oct-09
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
14-May-03 1
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50 Datasheet
96Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
UF5400 VISHAY-UF5400 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com