Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SBYV27-50 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SBYV27-50
Szczegółowy opis  Soft Recovery Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV27-50 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SBYV27-50 Datasheet HTML 1Page - Vishay Siliconix SBYV27-50 Datasheet HTML 2Page - Vishay Siliconix SBYV27-50 Datasheet HTML 3Page - Vishay Siliconix SBYV27-50 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88736
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Oct-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Soft Recovery Ultrafast Plastic Rectifier
SBYV27-50 thru SBYV27-200
Vishay General Semiconductor
FEATURES
• Ultrafast reverse recovery time
• Low forward voltage drop
• Low leakage current
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer and telecommunication.
MECHANICAL DATA
Case:
DO-204AC (DO-15)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity:
Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
50 V to 200 V
IFSM
50 A
trr
15 ns
VF
0.88 V
TJ max.
150 °C
DO-204AC (DO-15)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SBYV27-50
SBYV27-100
SBYV27-150
SBYV27-200
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Minimum reverse breakdown voltage at 100 μA
VBR
55
110
165
220
V
Maximum average forward rectified current
0.375" (9.5 mm) lead length at TL = 85 °C
IF(AV)
2.0
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
50
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Podobny numer części - SBYV27-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
14-May-03 1
SBYV27-50 VISHAY-SBYV27-50 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results

Podobny opis - SBYV27-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
Shenzhen Taychipst Elec...
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 23-Oct-09
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
14-May-03 1
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50 Datasheet
96Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
UF5400 VISHAY-UF5400 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com