Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1058X Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części SI1058X
Szczegółowy opis  N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1058X Arkusz danych(HTML) 6 Page - Vishay Siliconix

  SI1058X Datasheet HTML 1Page - Vishay Siliconix SI1058X Datasheet HTML 2Page - Vishay Siliconix SI1058X Datasheet HTML 3Page - Vishay Siliconix SI1058X Datasheet HTML 4Page - Vishay Siliconix SI1058X Datasheet HTML 5Page - Vishay Siliconix SI1058X Datasheet HTML 6Page - Vishay Siliconix SI1058X Datasheet HTML 7Page - Vishay Siliconix SI1058X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NOTES:
1.
Dimensions in millimeters.
2.
Dimension D does not include mold flash, protrusions or gate
burrs. Mold flush, protrusions or gate burrs shall not exceed
0.15 mm per dimension E1 does not include interlead flash or
protrusion, interlead flash or protrusion shall not exceed
0.15 mm per side.
3.
Dimensions D and E1 are determined at the outmost extremes
of the plastic body exclusive of mold flash, the bar burrs, gate
burrs and interlead flash, but including any mismatch between
the top and the bottom of the plastic body.
4.
Datums A, B and D to be determined 0.10 mm from the lead tip.
5.
Terminal numbers are shown for reference only.
6.
These dimensions apply to the flat section of the lead between
0.08 mm and 0.15 mm from the lead tip.
6
4
3
2
4
3
2
5
4
C
aaa
C
M
ccc
A–B
D
2X
e
B
6X b
C
aaa
2X
D
E/2
E
C
bbb
2X
12
3
65
4
E1
A
D
e1
L1
L
A
B
C
A1
A1
SECTION B-B
DETAIL “A”
SEE DETAIL “A”
4
3
2
5
6
Package Information
Vishay Siliconix
Document Number: 71612
25-Jun-01
www.vishay.com
1
SC89: 6 LEADS (SOT 563F)
MILLIMETERS
Tolerances
Dim
Min
Max
Note
Symbol
Of Form And
Position
A
0.56
0.60
aaa
0.10
A1
0.00
0.10
bbb
0.10
b
0.15
0.30
ccc
0.10
c
0.10
0.18
D
1.50
1.70
2, 3
E
1.55
1.70
E1
1.20 BSC
2, 3
e
0.50 BSC
e1
1.00 BSC
L
0.35 BSC
L1
0.20 BSC
ECN: E-00499—Rev. B, 02-Jul-01
DWG: 5880


Podobny numer części - SI1058X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1058X VISHAY-SI1058X Datasheet
232Kb / 3P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 01-Jan-07
SI1058X VISHAY-SI1058X Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1058X-T1-E3 VISHAY-SI1058X-T1-E3 Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1058X-T1-GE3 VISHAY-SI1058X-T1-GE3 Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1058X VISHAY-SI1058X_08 Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
More results

Podobny opis - SI1058X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com