Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1428EDH Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SI1428EDH
Szczegółowy opis  N-Channel 30 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1428EDH Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SI1428EDH Datasheet HTML 1Page - Vishay Siliconix SI1428EDH Datasheet HTML 2Page - Vishay Siliconix SI1428EDH Datasheet HTML 3Page - Vishay Siliconix SI1428EDH Datasheet HTML 4Page - Vishay Siliconix SI1428EDH Datasheet HTML 5Page - Vishay Siliconix SI1428EDH Datasheet HTML 6Page - Vishay Siliconix SI1428EDH Datasheet HTML 7Page - Vishay Siliconix SI1428EDH Datasheet HTML 8Page - Vishay Siliconix SI1428EDH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 67825
S11-0861-Rev. A, 02-May-11
www.vishay.com
3
Vishay Siliconix
Si1428EDH
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Current vs. Gate-to-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0
10
20
30
40
0
3
6
9
12
15
18
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 1.5 V
V
GS = 2.5 V
V
GS = 5 V thru 3 V
V
GS = 2 V
0
0.04
0.08
0.12
0.16
0
4
8
12
16
20
I
D -Drain Current (A)
V
GS = 4.5 V
V
GS = 2.5 V
V
GS = 10 V
Gate Current vs. Gate-to-Source Voltage
Transfer Characteristics
Gate Charge
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
0
3
6
9
12
15
18
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
2
4
6
8
10
0
2
4
6
8
10
Q
g - Total Gate Charge (nC)
V
DS = 7.5 V
V
DS = 24 V
I
D = 4.7 A
V
DS = 15 V


Podobny numer części - SI1428EDH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Telefunken
SI1428EDH TFUNK-SI1428EDH Datasheet
267Kb / 12P
   N-Channel 30 V (D-S) MOSFET
More results

Podobny opis - SI1428EDH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com