Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1555DL Arkusz danych(PDF) 7 Page - Vishay Siliconix

Numer części SI1555DL
Szczegółowy opis  Complementary Low-Threshold MOSFET Pair
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1555DL Arkusz danych(HTML) 7 Page - Vishay Siliconix

Back Button SI1555DL Datasheet HTML 3Page - Vishay Siliconix SI1555DL Datasheet HTML 4Page - Vishay Siliconix SI1555DL Datasheet HTML 5Page - Vishay Siliconix SI1555DL Datasheet HTML 6Page - Vishay Siliconix SI1555DL Datasheet HTML 7Page - Vishay Siliconix SI1555DL Datasheet HTML 8Page - Vishay Siliconix SI1555DL Datasheet HTML 9Page - Vishay Siliconix SI1555DL Datasheet HTML 10Page - Vishay Siliconix SI1555DL Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 71079
S10-1054-Rev. E, 03-May-10
www.vishay.com
7
Vishay Siliconix
Si1555DL
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71079.
Normalized Thermal Transient Impedance, Junction-to-Ambient
0
0
6
0
1
1
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 400 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10
-4
10
-3
10
-2
10
-1
Square Wave Pulse Duration (s)
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


Podobny numer części - SI1555DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1555DL VISHAY-SI1555DL Datasheet
60Kb / 7P
   Complementary Low-Threshold MOSFET Pair
Rev. C, 12-Aug-02
SI1555DL VISHAY-SI1555DL Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
SI1555DL VISHAY-SI1555DL Datasheet
109Kb / 8P
   Complementary Low-Threshold MOSFET Pair
01-Jan-2022
SI1555DL-T1 VISHAY-SI1555DL-T1 Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
SI1555DL-T1-E3 VISHAY-SI1555DL-T1-E3 Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
More results

Podobny opis - SI1555DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
KI1555DL KEXIN-KI1555DL Datasheet
55Kb / 2P
   Complementary Low-Threshold MOSFET Pair
logo
Vishay Siliconix
SI1555DL VISHAY-SI1555DL_08 Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
SI1555DL VISHAY-SI1555DL Datasheet
60Kb / 7P
   Complementary Low-Threshold MOSFET Pair
Rev. C, 12-Aug-02
SI1555DL VISHAY-SI1555DL_V01 Datasheet
109Kb / 8P
   Complementary Low-Threshold MOSFET Pair
01-Jan-2022
SI1563DH VISHAY-SI1563DH_08 Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH_08 Datasheet
160Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-80257-Rev. C, 04-Feb-08
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
logo
Guangdong Kexin Industr...
KI1563DH KEXIN-KI1563DH Datasheet
58Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com