Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT62-07 Arkusz danych(PDF) 2 Page - Siemens Semiconductor Group

Numer części BAT62-07
Szczegółowy opis  Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT62-07 Arkusz danych(HTML) 2 Page - Siemens Semiconductor Group

  BAT62-07 Datasheet HTML 1Page - Siemens Semiconductor Group BAT62-07 Datasheet HTML 2Page - Siemens Semiconductor Group BAT62-07 Datasheet HTML 3Page - Siemens Semiconductor Group BAT62-07 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT 62-07W
Semiconductor Group
Sep-07-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Unit
Values
typ.
max.
min.
DC characteristics
10
µA
-
-
IR
Reverse current
VR = 40 V
VF
-
0.58
1
V
Forward voltage
IF = 2 mA
AC characteristics
pF
CT
Diode capacitance
VR = 0 V, f = 1 MHz
-
0.6
0.35
-
0.1
Case capacitance
f = 1 MHz
-
CC
225
-
k
-
R0
Differential resistance
VR = 0 , f = 10 kHz
2
Series inductance chip to ground
Ls
-
nH
-
Semiconductor Group
2
1998-11-01


Podobny numer części - BAT62-07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BAT62-07L4 INFINEON-BAT62-07L4 Datasheet
519Kb / 9P
   Silicon Schottky Diode
Apr-22-2004
BAT62-07L4 INFINEON-BAT62-07L4 Datasheet
209Kb / 18P
   Silicon Schottky Diode
2007-04-19
BAT62-07L4 INFINEON-BAT62-07L4 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT62-07L4 INFINEON-BAT62-07L4 Datasheet
1Mb / 19P
   Silicon Schottky Diode
2014-02-13
BAT62-07W INFINEON-BAT62-07W Datasheet
519Kb / 9P
   Silicon Schottky Diode
Apr-22-2004
More results

Podobny opis - BAT62-07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
logo
Infineon Technologies A...
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Siemens Semiconductor G...
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Agilent(Hewlett-Packard...
423B HP-423B Datasheet
372Kb / 4P
   Low Barrier Schottky Diode Detectors
logo
Siemens Semiconductor G...
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
   Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
BAT30 SIEMENS-BAT30 Datasheet
247Kb / 2P
   silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com