Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT64W Arkusz danych(PDF) 2 Page - Siemens Semiconductor Group

Numer części BAT64W
Szczegółowy opis  Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT64W Arkusz danych(HTML) 2 Page - Siemens Semiconductor Group

  BAT64W Datasheet HTML 1Page - Siemens Semiconductor Group BAT64W Datasheet HTML 2Page - Siemens Semiconductor Group BAT64W Datasheet HTML 3Page - Siemens Semiconductor Group BAT64W Datasheet HTML 4Page - Siemens Semiconductor Group BAT64W Datasheet HTML 5Page - Siemens Semiconductor Group BAT64W Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAT 64...W
Semiconductor Group
Sep-07-1998
2
Thermal Resistance
Junction - ambient 1) BAT 64W
≤255
K/W
RthJA
Junction - ambient 1) BAT 64-04/06W
≤290
RthJA
Junction - ambient 1) BAT 64-05W
≤455
RthJA
RthJS
Junction - soldering point BAT 64W
≤120
Junction - soldering point BAT 64-04/06W
RthJS
≤155
Junction - soldering point BAT 64-05W
RthJS
≤185
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 6cm2 Cu
Electrical Characteristics at
TA = 25 °C, unless otherwise specified.
Parameter
Symbol
Values
Unit
max.
typ.
min.
DC characteristics
2
-
-
µA
IR
Reverse current
VR = 30 V
200
-
-
IR
Reverse current
VR = 30 V, TA = 85 °C
320
385
440
570
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 30 mA
IF = 100 mA
-
-
-
-
VF
350
430
520
750
mV
AC characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
CT
-
4
6
pF
Semiconductor Group
2
1998-11-01


Podobny numer części - BAT64W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
BAT64W KEXIN-BAT64W Datasheet
49Kb / 2P
   Silicon Schottky Diodes
logo
Diodes Incorporated
BAT64W DIODES-BAT64W Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
BAT64W-13-F DIODES-BAT64W-13-F Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
BAT64W-7-F DIODES-BAT64W-7-F Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
More results

Podobny opis - BAT64W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BAT64-07 SIEMENS-BAT64-07 Datasheet
88Kb / 4P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07W SIEMENS-BAT64-07W Datasheet
34Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125-07W SIEMENS-BAS125-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
logo
Infineon Technologies A...
BAT64-06E6327 INFINEON-BAT64-06E6327 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
BAT54-02VH6327 INFINEON-BAT54-02VH6327 Datasheet
967Kb / 15P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2011-06-29
BAS125-07WH6327 INFINEON-BAS125-07WH6327 Datasheet
104Kb / 8P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-04-19
logo
Siemens Semiconductor G...
BAS125W SIEMENS-BAS125W Datasheet
106Kb / 5P
   Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
logo
Infineon Technologies A...
BAT-64-04W INFINEON-BAT-64-04W Datasheet
1Mb / 13P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2014-02-11
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com