Zakładka z wyszukiwarką danych komponentów |
|
ISL28108_1111 Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL28108_1111 Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 32 page ISL28108, ISL28208, ISL28408 2 FN6935.3 November 1, 2011 Pin Configurations Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL28108FBZ 28108 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28108FRTZ 108Z -40 to +125 8 Ld TDFN L8.3x3K Coming soon ISL28108FUZ 8108Z -40 to +125 8 Ld MSOP M8.118B ISL28208FBZ 28208 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28208FRTZ 208F -40 to +125 8 Ld TDFN L8.3x3K Coming soon ISL28208FUZ 8208Z -40 to +125 8 Ld MSOP M8.118B ISL28408FBZ 28408 FBZ -40 to +125 14 Ld SOIC M14.15 ISL28208SOICEVAL2Z Evaluation Board NOTES: 1. Add “-T*” suffix for tape and reel. Please refer to Tech Brief TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb- free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28108, ISL28208, ISL28408. For more information on MSL please see Tech Brief TB363. ISL28108 (8 LD TDFN) TOP VIEW ISL28108 (8 LD MSOP, SOIC) TOP VIEW ISL28208 (8 LD TDFN) TOP VIEW ISL28208 (8 LD MSOP, SOIC) TOP VIEW ISL28408 (14 LD SOIC) TOP VIEW 2 3 4 1 7 6 5 8 NC -IN +IN V- NC V+ VOUT NC + - PAD NC -IN +IN V- 1 2 3 4 8 7 6 5 NC V+ VOUT NC + - 2 3 4 1 7 6 5 8 VOUT_A -IN_A +IN_A V- V+ VOUT_B -IN_B +IN_B + - +- PAD VOUT _A -IN_A +IN_A V- 1 2 3 4 8 7 6 5 V+ VOUT_B -IN_B +IN_B + - +- -+ - + -+ - + BC AD VOUT_A -IN_A +IN_A V + 1 2 3 4 5 6 7 10 9 8 11 12 13 14 +IN_B -IN_B V OUT_B V - +IN_C -IN_C V OUT_C V OUT_D -IN _D +IN _D |
Podobny numer części - ISL28108_1111 |
|
Podobny opis - ISL28108_1111 |