Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28117_1110 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL28117_1110
Szczegółowy opis  40V Precision Low Power Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28117_1110 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL28117_1110 Datasheet HTML 1Page - Intersil Corporation ISL28117_1110 Datasheet HTML 2Page - Intersil Corporation ISL28117_1110 Datasheet HTML 3Page - Intersil Corporation ISL28117_1110 Datasheet HTML 4Page - Intersil Corporation ISL28117_1110 Datasheet HTML 5Page - Intersil Corporation ISL28117_1110 Datasheet HTML 6Page - Intersil Corporation ISL28117_1110 Datasheet HTML 7Page - Intersil Corporation ISL28117_1110 Datasheet HTML 8Page - Intersil Corporation ISL28117_1110 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ISL28117, ISL28217, ISL28417
4
October 13, 2011
FN6632.8
Pin Descriptions
ISL28117
(8 LD SOIC,
MSOP, TDFN)
ISL28217
(8 LD SOIC,
MSOP, TDFN)
ISL28417
(14 LD SOIC,
TSSOP)
ISL28417
(16 LD QFN)
PIN NAME EQUIVALENT CIRCUIT
DESCRIPTION
3
-
-
-
+IN
Circuit 1
Amplifier non-inverting input
-
3
3
2
+IN_A
-
5
5
4
+IN_B
--
10
9
+IN_C
-
-
12
11
+IN_D
4
4
11
10
V-
Circuit 3
Negative power supply
2
-
-
-
-IN
Circuit 1
Amplifier inverting input
-2
2
1
-IN_A
-6
6
5
-IN_B
--
9
8
-IN_C
--
13
12
-IN_D
7
8
4
3
V+
Circuit 3
Positive power supply
6-
-
-
VOUT
Circuit 2
Amplifier output
-1
1
15
VOUT_A
-7
7
6
VOUT_B
--
8
7
VOUT_C
-
-
14
14
VOUT_D
1, 5, 8
-
-
13, 16
NC
-
No internal connection
PD
PD
-
PD
PD
-
Thermal Pad - TDFN and QFN
packages only. Connect thermal
pad to ground or most negative
potential.
CIRCUIT 2
CIRCUIT 1
V+
V-
CIRCUIT 3
CAPACITIVELY
COUPLED
ESD CLAMP
IN-
V+
V-
IN+
500Ω
500Ω
V+
V-
OUT


Podobny numer części - ISL28117_1110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
More results

Podobny opis - ISL28117_1110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com