Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1200C20K1LP Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części ST1200C20K1LP
Szczegółowy opis  Phase Control Thyristors (Stud Version), 1650 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1200C20K1LP Arkusz danych(HTML) 5 Page - Vishay Siliconix

  ST1200C20K1LP Datasheet HTML 1Page - Vishay Siliconix ST1200C20K1LP Datasheet HTML 2Page - Vishay Siliconix ST1200C20K1LP Datasheet HTML 3Page - Vishay Siliconix ST1200C20K1LP Datasheet HTML 4Page - Vishay Siliconix ST1200C20K1LP Datasheet HTML 5Page - Vishay Siliconix ST1200C20K1LP Datasheet HTML 6Page - Vishay Siliconix ST1200C20K1LP Datasheet HTML 7Page - Vishay Siliconix ST1200C20K1LP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94394
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 23-Apr-10
5
ST1200C..KP Series
Phase Control Thyristors
(Stud Version), 1650 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Number Of Equal Amplitude Half Cycle Current Pulses (N)
12000
14000
16000
18000
20000
22000
24000
26000
28000
110
100
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
ST1200C..K Series
Pulse Train Duration (s)
12000
14000
16000
18000
20000
22000
24000
26000
28000
30000
32000
0.01
0.1
1
Versus Pulse Train Duration. Control
Maximum Non Repetitive Surge Current
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
Of Conduction May Not Be Maintained.
ST1200C..K Series
Instantaneous On-state Voltage (V)
100
1000
10000
0.5
1
1.5
2
2.5
3
T = 25°C
J
T = 125°C
J
ST1200C..K Series
Square Wave Pulse Duration (s)
0.001
0.01
0.1
0.001
0.01
0.1
1
10
Steady State Value
R
= 0.042 K/W
(Single Side Cooled)
R
= 0.021 K/W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
ST1200C..K Series


Podobny numer części - ST1200C20K1LP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST1200C20K1L IRF-ST1200C20K1L Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
More results

Podobny opis - ST1200C20K1LP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
ST1200C..KP VISHAY-ST1200C..KP Datasheet
147Kb / 8P
   Phase Control Thyristors (Stud Version), 1650 A
Revision: 23-Apr-10
VS-ST1200CK VISHAY-VS-ST1200CK_V01 Datasheet
206Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1650 A
01-Jan-2022
ST1120C12K0LPBF VISHAY-ST1120C12K0LPBF Datasheet
133Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1650 A
Revision: 11-Aug-08
VS-ST1200CK VISHAY-VS-ST1200CK Datasheet
208Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1650 A
Revision: 27-Sep-17
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com