Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST110S08P0PBF Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części ST110S08P0PBF
Szczegółowy opis  Phase Control Thyristors (Stud Version), 110 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST110S08P0PBF Arkusz danych(HTML) 1 Page - Vishay Siliconix

  ST110S08P0PBF Datasheet HTML 1Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 2Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 3Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 4Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 5Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 6Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 7Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 8Page - Vishay Siliconix ST110S08P0PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 94393
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Phase Control Thyristors (Stud Version), 110 A
ST110SPbF Series
Vishay Semiconductors
FEATURES
•Center gate
• International standard case TO-209AC (TO-94)
• Compression bonded encapsulation for heavy
duty operations such as severe thermal cycling
• Hermetic
glass-metal
case
with
ceramic
insulator
(Glass-metal seal over 1200 V)
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
110 A
TO-209AC (TO-94)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
110
A
TC
90
°C
IT(RMS)
175
A
ITSM
50 Hz
2700
60 Hz
2830
I2t
50 Hz
36.4
kA2s
60 Hz
33.2
VDRM/VRRM
400 to 1600
V
tq
Typical
100
μs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM
REPETITIVE PEAK
AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE
PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
ST110S
04
400
500
20
08
800
900
12
1200
1300
16
1600
1700


Podobny numer części - ST110S08P0PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST110S08P0 IRF-ST110S08P0 Datasheet
96Kb / 8P
   PHASE CONTROL THYRISTORS
ST110S08P0V IRF-ST110S08P0V Datasheet
96Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Podobny opis - ST110S08P0PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
110RKI40 VISHAY-110RKI40 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
VS-110RKIPBF VISHAY-VS-110RKIPBF_V01 Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
VS-110RKIPB VISHAY-VS-110RKIPB Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 24-Jan-18
VS-ST110SPBF VISHAY-VS-ST110SPBF_V01 Datasheet
189Kb / 9P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com