Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDSG1150 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części TDSG1150
Szczegółowy opis  Standard 7-Segment Display 7 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSG1150 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  TDSG1150_10 Datasheet HTML 1Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 2Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 3Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 4Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 5Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 6Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 7Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 8Page - Vishay Siliconix TDSG1150_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: 83124
For technical questions, contact: LED@Vishay.com
www.vishay.com
Rev. 1.7, 30-Jun-10
1
Standard 7-Segment Display 7 mm
TDSG1150, TDSG1160, TDSO1150, TDSO1160, TDSY1150, TDSY1160
Vishay Semiconductors
DESCRIPTION
The TDS.11.. series are 7 mm character seven segment LED
displays in a very compact package.
The displays are designed for a viewing distance up to
3 m and available in four bright colors. The grey package
surface and the evenly lighted untinted segments provide an
optimum on-off contrast.
All displays are categorized in luminous intensity groups.
That allows users to assemble displays with uniform
appearence. Typical applications include instruments, panel
meters, point-of-sale terminals and household equipment.
FEATURES
• Evenly lighted segments
• Grey package surface
• Untinted segments
• Luminous intensity categorized
• Yellow and green categorized for color
• Wide viewing angle
• Suitable for DC and high peak current
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
•Panel meters
• Test- and measure- equipment
• Point-of-sale terminals
• Control units
PRODUCT GROUP AND PACKAGE DATA
• Product group: display
• Package: 7 mm
• Product series: standard
• Angle of half intensity: ± 50°
19235
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY AT
10 mA
CIRCUITRY
TDSO1150
Orange red
IV = 3000 μcd (typ.)
Common anode
TDSO1150-K
Orange red
IV = (1800 to 3600) μcd
Common anode
TDSO1160
Orange red
IV = 3000 μcd (typ.)
Common cathode
TDSO1160-K
Orange red
IV = (1800 to 3600) μcd
Common cathode
TDSO1160-KL
Orange red
IV = (1800 to 5600) μcd
Common cathode
TDSY1150
Yellow
IV = 3000 μcd (typ.)
Common anode
TDSY1150-K
Yellow
IV = (1800 to 3600) μcd
Common anode
TDSY1150-KL
Yellow
IV = (1800 to 5600) μcd
Common anode
TDSY1160
Yellow
IV = 3000 μcd (typ.)
Common cathode
TDSG1150
Green
IV = 6000 μcd (typ.)
Common anode
TDSG1150-LM
Green
IV = (2800 to 9000) μcd
Common anode
TDSG1160
Green
IV = 6000 μcd (typ.)
Common cathode


Podobny numer części - TDSG1150_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSG1150-LM VISHAY-TDSG1150-LM Datasheet
166Kb / 12P
   Standard 7-Segment Display 7 mms
01-Jan-2022
TDSG1150-LM VISHAY-TDSG1150-LM Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
More results

Podobny opis - TDSG1150_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSR515 VISHAY-TDSR515_00 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com