Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDSG3150 Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części TDSG3150
Szczegółowy opis  Standard 7-Segment Display 10 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSG3150 Arkusz danych(HTML) 5 Page - Vishay Siliconix

  TDSG3150 Datasheet HTML 1Page - Vishay Siliconix TDSG3150 Datasheet HTML 2Page - Vishay Siliconix TDSG3150 Datasheet HTML 3Page - Vishay Siliconix TDSG3150 Datasheet HTML 4Page - Vishay Siliconix TDSG3150 Datasheet HTML 5Page - Vishay Siliconix TDSG3150 Datasheet HTML 6Page - Vishay Siliconix TDSG3150 Datasheet HTML 7Page - Vishay Siliconix TDSG3150 Datasheet HTML 8Page - Vishay Siliconix TDSG3150 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 83125
For technical questions, contact: LED@Vishay.com
www.vishay.com
Rev. 1.6, 23-May-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TDSG3150, TDSG3160, TDSO3150, TDSO3160, TDSY3150, TDSY3160
Standard 7-Segment Display 10 mm Vishay Semiconductors
Fig. 7 - Relative Intensity vs. Wavelength
Fig. 8 - Forward Current vs. Forward Voltage
Fig. 9 - Rel. Luminous Intensity vs. Ambient Temperature
Fig. 10 - Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Fig. 11 - Relative Luminous Intensity vs. Forward Current
Fig. 12 - Relative Intensity vs. Wavelength
590
610
630
650
670
690
λ - Wavelength (nm)
red
0
0.2
0.4
0.6
0.8
1.2
95 10090
1.0
0.1
1
10
100
1000
10
8
6
4
2
0
95 10030
VF - Forward Voltage (V)
yellow
t
p/T = 0.001
t
p = 10 µs
0
0
0.4
0.8
1.2
1.6
95 10031
20
40
60
80
100
Tamb - Ambient Temperature (°C)
yellow
I
F = 10 mA
yellow
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10260
500
0.5
0.2
0.1
0.05
0.02
1
I
F (mA)
t
p/T
2.0
yellow
IF - Forward Current (mA)
100
0.1
1
10
95 10033
10
1
0.01
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
λ - Wavelength (nm)
1.0
yellow


Podobny numer części - TDSG3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSG3150 VISHAY-TDSG3150 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150-M VISHAY-TDSG3150-M Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
More results

Podobny opis - TDSG3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0 Datasheet
284Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.2, 29-Nov-13
VDMR10A1 VISHAY-VDMR10A1 Datasheet
232Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.0, 13-May-13
VDMG10A1 VISHAY-VDMG10A1_V01 Datasheet
266Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10A1 VISHAY-VDMR10A1_V02 Datasheet
265Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
VDMG10.0 VISHAY-VDMG10.0_V01 Datasheet
283Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0_V02 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com