Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDSR0760 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części TDSR0760
Szczegółowy opis  High Intensity Red Low Current Seven Segment Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSR0760 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  TDSR0760 Datasheet HTML 1Page - Vishay Siliconix TDSR0760 Datasheet HTML 2Page - Vishay Siliconix TDSR0760 Datasheet HTML 3Page - Vishay Siliconix TDSR0760 Datasheet HTML 4Page - Vishay Siliconix TDSR0760 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 81163
For technical questions, contact: LED@Vishay.com
www.vishay.com
Rev. 1.0, 08-Oct-09
1
High Intensity Red Low Current Seven Segment Display
TDSR0750, TDSR0760
Vishay Semiconductors
DESCRIPTION
This series defines a new standard for low current displays.
It is a single digit 7-segment LED display utilizing AllnGaP
technology in color red.
The supreme light intensity allows applications under direct
sunlight or “black front” designs by using tinted filter glass
in front of the display.
Typical 1500 μcd at 1 mA is best in class performance for
applications with very limited power supply. The maximum
forward current of 10 mA is allowed for an ambient
temperature range of - 40 °C to + 85 °C without current
derating.
Crosstalk between segments is possible at drive currents
above 5 mA per segment. Therefore it is recommend to
apply more than 5 mA only under direct sunlight or with
tinted filter glass.
FEATURES
• 1500 μcd typical at 1 mA
• Very low power consumption
• Wide viewing angle
• Grey package surface
• Light intensity categorized at IF = 1 mA
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Battery driven instruments
• Telecom devices
• Home appliances
• Instrumentation
•POS terminals
PRODUCT GROUP AND PACKAGE DATA
• Product group: display
• Package: 7 mm
• Product series: low current
• Angle of half intensity: ± 50°
Note
(1) Tamb = 25 °C, unless otherwise specified
19235
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY AT 1 mA
CIRCUITRY
TDSR0750
Red
IV = (180 to 2200) μcd
Common anode
TDSR0750-HI
Red
IV = (700 to 2200) μcd
Common anode
TDSR0760
Red
IV = (180 to 2200) μcd
Common cathode
ABSOLUTE MAXIMUM RATINGS (1) TDSR0750, TDSR0750-HI, TDSR0760
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage per segment
VR
5V
DC forward current per segment
IF
10
mA
Peak forward current per
segment
tp ≤ 10 μs, duty cycle 1/10
IFM
50
mA
Power dissipation
Tamb ≤ 85 °C
PV
185
mW
Junction temperature
Tj
105
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 85
°C
Soldering temperature
t
≤ 3 s,
2 mm below seating plane
Tsd
260
°C
Thermal resistance LED
junction/ambient
RthJA
100
K/W


Podobny numer części - TDSR0760

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSR0760 VISHAY-TDSR0760 Datasheet
101Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2022
TDSR0760 VISHAY-TDSR0760 Datasheet
100Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2023
TDSR0760 VISHAY-TDSR0760_V01 Datasheet
101Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2022
More results

Podobny opis - TDSR0760

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSR1050 VISHAY-TDSR1050 Datasheet
98Kb / 5P
   High Intensity Red Low Current Seven Segment Display
Rev. 1.1, 10-Feb-10
TDSR1350 VISHAY-TDSR1350 Datasheet
97Kb / 5P
   High Intensity Red Low Current Seven Segment Display
Rev. 1.2, 09-Jun-11
TDSR0750 VISHAY-TDSR0750_V02 Datasheet
100Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2023
TDSR1060 VISHAY-TDSR1060_V02 Datasheet
94Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2023
TDSR1350 VISHAY-TDSR1350_V02 Datasheet
94Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2023
TDSR1050 VISHAY-TDSR1050_14 Datasheet
94Kb / 5P
   High Intensity Red Low Current 7-Segment Display
Rev. 1.4, 11-Dec-14
TDSR0760 VISHAY-TDSR0760_V01 Datasheet
101Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2022
TDSR1350 VISHAY-TDSR1350_V01 Datasheet
94Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2022
TDSR1060 VISHAY-TDSR1060_V01 Datasheet
95Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2022
logo
LUMEX INC.
LDS-A404RU LUMEX-LDS-A404RU Datasheet
123Kb / 1P
   RED, SEVEN SEGMENT DISPLAY
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com