Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC327-40 Arkusz danych(PDF) 4 Page - Siemens Semiconductor Group

Numer części BC327-40
Szczegółowy opis  PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC327-40 Arkusz danych(HTML) 4 Page - Siemens Semiconductor Group

  BC327-40 Datasheet HTML 1Page - Siemens Semiconductor Group BC327-40 Datasheet HTML 2Page - Siemens Semiconductor Group BC327-40 Datasheet HTML 3Page - Siemens Semiconductor Group BC327-40 Datasheet HTML 4Page - Siemens Semiconductor Group BC327-40 Datasheet HTML 5Page - Siemens Semiconductor Group BC327-40 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Semiconductor Group
4
BC 327
BC 328
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
200
Unit
Values
Parameter
Symbol
min.
typ.
max.
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–12
Input capacitance
VEB = 0.5 V, f = 1 MHz
Cibo
–60


Podobny numer części - BC327-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC327-40 PHILIPS-BC327-40 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
logo
Diotec Semiconductor
BC327-40 DIOTEC-BC327-40 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
ON Semiconductor
BC327-40 ONSEMI-BC327-40 Datasheet
147Kb / 5P
   Amplifier Transistors
December, 2006 ??Rev. 4
BC327-40 ONSEMI-BC327-40 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
logo
Micro Commercial Compon...
BC327-40 MCC-BC327-40 Datasheet
341Kb / 3P
   PNP Plastic-Encapsulate Transistors
More results

Podobny opis - BC327-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com