Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPR5600 Arkusz danych(PDF) 10 Page - Vishay Siliconix

Numer części TLPR5600
Szczegółowy opis  Sideview LED, 5 mm Tinted Diffused
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLPR5600 Arkusz danych(HTML) 10 Page - Vishay Siliconix

Back Button TLPR5600_07 Datasheet HTML 2Page - Vishay Siliconix TLPR5600_07 Datasheet HTML 3Page - Vishay Siliconix TLPR5600_07 Datasheet HTML 4Page - Vishay Siliconix TLPR5600_07 Datasheet HTML 5Page - Vishay Siliconix TLPR5600_07 Datasheet HTML 6Page - Vishay Siliconix TLPR5600_07 Datasheet HTML 7Page - Vishay Siliconix TLPR5600_07 Datasheet HTML 8Page - Vishay Siliconix TLPR5600_07 Datasheet HTML 9Page - Vishay Siliconix TLPR5600_07 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Document Number: 91000
www.vishay.com
Revision: 11-Mar-11
1
Disclaimer
Legal Disclaimer Notice
Vishay
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Podobny numer części - TLPR5600_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HK TO-GRACE TECHNOLOGY ...
TLPR5600-AS12Z TO-GRACE-TLPR5600-AS12Z Datasheet
1Mb / 11P
   Sideview LED, 횠 5 mm Tinted Diffused Package
More results

Podobny opis - TLPR5600_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TLPG5600 VISHAY-TLPG5600 Datasheet
301Kb / 9P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
TLPG5600 VISHAY-TLPG5600_05 Datasheet
271Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
logo
HK TO-GRACE TECHNOLOGY ...
TLPR5600 TO-GRACE-TLPR5600 Datasheet
1Mb / 11P
   Sideview LED, 횠 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
   High Intensity LED, 5 mm Tinted Diffused
Rev. 1.4, 30-Aug-04
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHE5400 VISHAY-TLHE5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR540 VISHAY-TLUR540 Datasheet
158Kb / 6P
   Universal LED in ∅ 5 mm Tinted Diffused Package
Rev. 1.6, 31-Aug-04
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com