Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPR5600 Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części TLPR5600
Szczegółowy opis  Sideview LED, 5 mm Tinted Diffused
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLPR5600 Arkusz danych(HTML) 6 Page - Vishay Siliconix

Back Button TLPR5600 Datasheet HTML 2Page - Vishay Siliconix TLPR5600 Datasheet HTML 3Page - Vishay Siliconix TLPR5600 Datasheet HTML 4Page - Vishay Siliconix TLPR5600 Datasheet HTML 5Page - Vishay Siliconix TLPR5600 Datasheet HTML 6Page - Vishay Siliconix TLPR5600 Datasheet HTML 7Page - Vishay Siliconix TLPR5600 Datasheet HTML 8Page - Vishay Siliconix TLPR5600 Datasheet HTML 9Page - Vishay Siliconix TLPR5600 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number 83043
Rev. 1.9, 13-Sep-07
Vishay Semiconductors
TLPG/H/P/R/Y5600
Figure 15. Rel. Luminous Intensity vs. Ambient Temperature
Figure 16. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 17. Relative Luminous Intensity vs. Forward Current
0
0
0.4
0.8
1.2
1.6
95 10031
20
40
60
80
100
Tamb - Ambient Temperature (°C)
yellow
IF = 10 mA
yellow
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10260
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
tp/T
2.0
yellow
IF - Forward Current (mA)
100
0.1
1
10
95 10033
10
1
0.01
Figure 18. Relative Intensity vs. Wavelength
Figure 19. Forward Current vs. Forward Voltage
Figure 20. Rel. Luminous Intensity vs. Ambient Temperature
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
λ - Wavelength (nm)
1.0
yellow
0.1
1
10
100
1000
10
8
6
4
2
0
95 10034
VF - Forward Voltage (V)
green
t p /T = 0.001
t p =10 µs
0
0.4
0.8
1.2
1.6
95 10035
green
I F = 10 mA
Tamb - Ambient Temperature (°C)
20
40
60
80
0
100


Podobny numer części - TLPR5600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TLPR5600 VISHAY-TLPR5600 Datasheet
301Kb / 9P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
TLPR5600 VISHAY-TLPR5600 Datasheet
271Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
logo
HK TO-GRACE TECHNOLOGY ...
TLPR5600 TO-GRACE-TLPR5600 Datasheet
1Mb / 11P
   Sideview LED, 횠 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLPR5600 VISHAY-TLPR5600 Datasheet
297Kb / 11P
   Side View LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLPR5600 VISHAY-TLPR5600 Datasheet
210Kb / 9P
   Side View LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results

Podobny opis - TLPR5600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TLPG5600 VISHAY-TLPG5600 Datasheet
301Kb / 9P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
TLPG5600 VISHAY-TLPG5600_05 Datasheet
271Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
logo
HK TO-GRACE TECHNOLOGY ...
TLPR5600 TO-GRACE-TLPR5600 Datasheet
1Mb / 11P
   Sideview LED, 횠 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
   High Intensity LED, 5 mm Tinted Diffused
Rev. 1.4, 30-Aug-04
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHE5400 VISHAY-TLHE5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR540 VISHAY-TLUR540 Datasheet
158Kb / 6P
   Universal LED in ∅ 5 mm Tinted Diffused Package
Rev. 1.6, 31-Aug-04
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com