Zakładka z wyszukiwarką danych komponentów |
|
TLPR5600 Arkusz danych(PDF) 3 Page - Vishay Siliconix |
|
TLPR5600 Arkusz danych(HTML) 3 Page - Vishay Siliconix |
3 / 10 page Document Number 83043 Rev. 1.9, 13-Sep-07 www.vishay.com 3 Vishay Semiconductors TLPG/H/P/R/Y5600 Note: 1) T amb = 25 °C, unless otherwise specified 2) in one packing unit I Vmin/IVmax ≤ 0.5 Note: 1) T amb = 25 °C, unless otherwise specified 2) in one packing unit I Vmin/IVmax ≤ 0.5 TYPICAL CHARACTERISTICS Tamb = 25 °C, unless otherwise specified OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLPG5600, GREEN PARAMETER TEST CONDITION SYMBOL MIN TYP. MAX UNIT Luminous intensity 2) IF = 10 mA IV 0.63 1.5 mcd Dominant wavelength IF = 10 mA λ d 562 575 nm Peak wavelength IF = 10 mA λ p 565 nm Angle of half intensity IF = 10 mA ϕ ± 80 deg Forward voltage IF = 20 mA VF 2.4 3 V Reverse voltage IR = 10 μAVR 615 V Junction capacitance VR = 0, f = 1 MHz Cj 50 pF OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLPP5600, PURE GREEN PARAMETER TEST CONDITION SYMBOL MIN TYP. MAX UNIT Luminous intensity 2) IF = 10 mA IV 0.63 1.6 mcd Dominant wavelength IF = 10 mA λ d 555 565 nm Peak wavelength IF = 10 mA λ p 555 nm Angle of half intensity IF = 10 mA ϕ ± 80 deg Forward voltage IF = 20 mA VF 2.4 3 V Reverse voltage IR = 10 μAVR 615 V Junction capacitance VR = 0, f = 1 MHz Cj 50 pF Figure 1. Power Dissipation vs. Ambient Temperature 0 20 40 60 80 100 0 20406080 100 T amb - Ambient Temperature (°C) 17520 red, yellow, green, pure green red Figure 2. Forward Current vs. Ambient Temperature 0 5 10 15 20 25 30 35 40 0 1020 3040 5060 70 80 90 100 T amb - Ambient Temperature (°C) 17519 red, yellow, green, pure green red |
Podobny numer części - TLPR5600 |
|
Podobny opis - TLPR5600 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |