Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPH5600 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części TLPH5600
Szczegółowy opis  Sideview LED, 5 mm Tinted Diffused
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLPH5600 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  TLPH5600 Datasheet HTML 1Page - Vishay Siliconix TLPH5600 Datasheet HTML 2Page - Vishay Siliconix TLPH5600 Datasheet HTML 3Page - Vishay Siliconix TLPH5600 Datasheet HTML 4Page - Vishay Siliconix TLPH5600 Datasheet HTML 5Page - Vishay Siliconix TLPH5600 Datasheet HTML 6Page - Vishay Siliconix TLPH5600 Datasheet HTML 7Page - Vishay Siliconix TLPH5600 Datasheet HTML 8Page - Vishay Siliconix TLPH5600 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83043
Rev. 1.9, 13-Sep-07
Vishay Semiconductors
TLPG/H/P/R/Y5600
Note:
1) T
amb = 25 °C, unless otherwise specified
Note:
1) T
amb = 25 °C, unless otherwise specified
2) in one packing unit I
Vmin/IVmax ≤ 0.5
Note:
1) T
amb = 25 °C, unless otherwise specified
2) in one packing unit I
Vmin/IVmax ≤ 0.5
Note:
1) T
amb = 25 °C, unless otherwise specified
2) in one packing unit I
Vmin/IVmax ≤ 0.5
Thermal resistance junction/
ambient
TLPR5600
RthJA
500
K
TLPH5600
RthJA
400
K/W
TLPY5600
RthJA
400
K/W
TLPG5600
RthJA
400
K/W
TLPP5600
RthJA
400
K/W
ABSOLUTE MAXIMUM RATINGS1) TLPR5600, TLPH5600 , TLPY5600 , TLPG5600 , TLPP5600
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLPR5600, RED
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity 2)
IF = 10 mA
IV
12.5
mcd
Dominant wavelength
IF = 10 mA
λ
d
630
nm
Peak wavelength
IF = 10 mA
λ
p
640
nm
Angle of half intensity
IF = 10 mA
ϕ
± 80
deg
Forward voltage
IF = 20 mA
VF
23
V
Reverse voltage
IR = 10 μAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLPH5600, RED
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity 2)
IF = 10 mA
IV
0.63
1.5
mcd
Dominant wavelength
IF = 10 mA
λ
d
612
625
nm
Peak wavelength
IF = 10 mA
λ
p
635
nm
Angle of half intensity
IF = 10 mA
ϕ
± 80
deg
Forward voltage
IF = 20 mA
VF
23
V
Reverse voltage
IR = 10 μAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLPY5600, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity 2)
IF = 10 mA
IV
0.63
1.5
mcd
Dominant wavelength
IF = 10 mA
λ
d
581
594
nm
Peak wavelength
IF = 10 mA
λ
p
585
nm
Angle of half intensity
IF = 10 mA
ϕ
± 80
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 μAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF


Podobny numer części - TLPH5600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TLPH5600 VISHAY-TLPH5600 Datasheet
301Kb / 9P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
TLPH5600 VISHAY-TLPH5600 Datasheet
271Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
logo
HK TO-GRACE TECHNOLOGY ...
TLPH5600 TO-GRACE-TLPH5600 Datasheet
1Mb / 11P
   Sideview LED, 횠 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLPH5600 VISHAY-TLPH5600 Datasheet
297Kb / 11P
   Side View LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLPH5600 VISHAY-TLPH5600 Datasheet
210Kb / 9P
   Side View LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results

Podobny opis - TLPH5600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TLPG5600 VISHAY-TLPG5600 Datasheet
301Kb / 9P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
TLPG5600 VISHAY-TLPG5600_05 Datasheet
271Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
logo
HK TO-GRACE TECHNOLOGY ...
TLPR5600 TO-GRACE-TLPR5600 Datasheet
1Mb / 11P
   Sideview LED, 횠 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
   High Intensity LED, 5 mm Tinted Diffused
Rev. 1.4, 30-Aug-04
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHE5400 VISHAY-TLHE5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR540 VISHAY-TLUR540 Datasheet
158Kb / 6P
   Universal LED in ∅ 5 mm Tinted Diffused Package
Rev. 1.6, 31-Aug-04
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com