Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPP5600 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części TLPP5600
Szczegółowy opis  Sideview LED, 5 mm Tinted Diffused
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLPP5600 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  TLPP5600 Datasheet HTML 1Page - Vishay Siliconix TLPP5600 Datasheet HTML 2Page - Vishay Siliconix TLPP5600 Datasheet HTML 3Page - Vishay Siliconix TLPP5600 Datasheet HTML 4Page - Vishay Siliconix TLPP5600 Datasheet HTML 5Page - Vishay Siliconix TLPP5600 Datasheet HTML 6Page - Vishay Siliconix TLPP5600 Datasheet HTML 7Page - Vishay Siliconix TLPP5600 Datasheet HTML 8Page - Vishay Siliconix TLPP5600 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Semiconductors
TLPG/H/P/R/Y5600
Document Number 83043
Rev. 1.9, 13-Sep-07
www.vishay.com
1
Sideview LED, 5 mm Tinted Diffused
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: side view
• Product series: standard
• Angle of half intensity: ± 80°
FEATURES
• Even luminance of the emitting surface
• Wide viewing angle
• Yellow and green color categorized
• For DC and pulse operation
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
APPLICATIONS
• Indicating and illumination purposes
19227
e4
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY
TLPR5600
Red, IV > 1 mcd
GaAsP on GaP
TLPH5600
Red, IV > 0.63 mcd
GaAsP on GaP
TLPY5600
Yellow, IV > 0.63 mcd
GaAsP on GaP
TLPG5600
Green, IV > 0.63 mcd
GaP on GaP
TLPP5600
Pure green, IV > 0.63 mcd
GaP on GaP
ABSOLUTE MAXIMUM RATINGS1) TLPR5600, TLPH5600 , TLPY5600 , TLPG5600 , TLPP5600
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage
VR
6V
DC Forward current
TLPR5600
IF
20
mA
TLPH5600
IF
30
mA
TLPY5600
IF
30
mA
TLPG5600
IF
30
mA
TLPP5600
IF
30
mA
Surge forward current
tp ≤ 10 μsIFSM
1A
Power dissipation
Tamb ≤ 60 °C
TLPR5600
PV
60
mW
TLPH5600
PV
100
mW
TLPY5600
PV
100
mW
TLPG5600
PV
100
mW
TLPP5600
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C


Podobny numer części - TLPP5600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TLPP5600 VISHAY-TLPP5600 Datasheet
301Kb / 9P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
TLPP5600 VISHAY-TLPP5600 Datasheet
271Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
logo
HK TO-GRACE TECHNOLOGY ...
TLPP5600 TO-GRACE-TLPP5600 Datasheet
1Mb / 11P
   Sideview LED, 횠 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLPP5600 VISHAY-TLPP5600 Datasheet
297Kb / 11P
   Side View LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
logo
HK TO-GRACE TECHNOLOGY ...
TLPP5600-AS12Z TO-GRACE-TLPP5600-AS12Z Datasheet
1Mb / 11P
   Sideview LED, 횠 5 mm Tinted Diffused Package
More results

Podobny opis - TLPP5600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TLPG5600 VISHAY-TLPG5600 Datasheet
301Kb / 9P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
TLPG5600 VISHAY-TLPG5600_05 Datasheet
271Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
logo
HK TO-GRACE TECHNOLOGY ...
TLPR5600 TO-GRACE-TLPR5600 Datasheet
1Mb / 11P
   Sideview LED, 횠 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
   High Intensity LED, 5 mm Tinted Diffused
Rev. 1.4, 30-Aug-04
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHE5400 VISHAY-TLHE5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR540 VISHAY-TLUR540 Datasheet
158Kb / 6P
   Universal LED in ∅ 5 mm Tinted Diffused Package
Rev. 1.6, 31-Aug-04
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com