Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP54M Arkusz danych(PDF) 4 Page - Siemens Semiconductor Group

Numer części BCP54M
Szczegółowy opis  NPN Silicon AF Transistors (For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP54M Arkusz danych(HTML) 4 Page - Siemens Semiconductor Group

  BCP54M Datasheet HTML 1Page - Siemens Semiconductor Group BCP54M Datasheet HTML 2Page - Siemens Semiconductor Group BCP54M Datasheet HTML 3Page - Siemens Semiconductor Group BCP54M Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BCP 54M ... BCP 56M
4
Au -11-1998
Semiconductor Group
Collector cutoff current
ICBO = f (TA)
VCB = 30V
0
10
EHP00269
BCP 54...56
A
T
150
-1
4
10
Ι
CBO
nA
50
100
0
10
1
10
3
10
C
102
max
typ
Transition frequency
fT = f (IC)
VCE = 10V
10
EHP00267
BCP 54...56
03
10
mA
1
10
3
10
5
10
1
10
2
10
2
C
T
f
MHz
Ι
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
0
10
EHP00270
BCP 54...56
BEsat
V
0
4
10
Ι
C
mA
0.2
1
10
2
10
3
10
0.4
0.6
0.8
1.2
V
C
100
25 C
-50 C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0
EHP00271
BCP 54...56
CEsat
V
0.4
V
0.8
100
101
3
10
Ι
C
mA
C
2
10
0.2
0.6
104
100
25 C
C
-50
Semiconductor Group
4
1998-11-01


Podobny numer części - BCP54M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
BCP54 NXP-BCP54 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
logo
First Silicon Co., Ltd
BCP54 FS-BCP54 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
More results

Podobny opis - BCP54M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com