Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP52-10 Arkusz danych(PDF) 3 Page - Siemens Semiconductor Group

Numer części BCP52-10
Szczegółowy opis  PNP Silicon AF Transistors (For AF driver and output stages High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP52-10 Arkusz danych(HTML) 3 Page - Siemens Semiconductor Group

  BCP52-10 Datasheet HTML 1Page - Siemens Semiconductor Group BCP52-10 Datasheet HTML 2Page - Siemens Semiconductor Group BCP52-10 Datasheet HTML 3Page - Siemens Semiconductor Group BCP52-10 Datasheet HTML 4Page - Siemens Semiconductor Group BCP52-10 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
BCP 51
... BCP 53
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 5 mA, VCE = 2 V
IC = 150 mA, VCE = 2 V
BCP 51/BCP 52/BCP 53
BCP 51/BCP 52/BCP 53-10
BCP 51/BCP 52/BCP 53-16
IC = 500 mA, VCE = 2 V
V
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BCP 51
BCP 52
BCP 53
V(BR)CE0
45
60
80
nA
µA
Collector-base cutoff current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = 150 ˚C
ICB0
100
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA, IB = 0
BCP 51
BCP 52
BCP 53
V(BR)CB0
45
60
100
Emitter-base breakdown voltage
IE = 10
µA, IC = 0
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
0.5
hFE
25
40
63
100
25
100
160
250
160
250
Base-emitter voltage1)
IC = 500 mA, VCE = 2 V
VBE
––1
µA
Emitter-base cutoff current
VEB = 5 V, IC = 0
IEB0
––10
MHz
Transition frequency
IC = 50 mA, VCE = 10 V, f = 100 MHz
fT
125
AC characteristics
1)
Pulse test conditions: t
300 µs, D = 2 %.


Podobny numer części - BCP52-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BCP52-10 INFINEON-BCP52-10 Datasheet
48Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
logo
NXP Semiconductors
BCP52-10 NXP-BCP52-10 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Micro Commercial Compon...
BCP52-10 MCC-BCP52-10 Datasheet
455Kb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BCP52-10 NEXPERIA-BCP52-10 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
BCP52-10 NEXPERIA-BCP52-10 Datasheet
247Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
More results

Podobny opis - BCP52-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com