Zakładka z wyszukiwarką danych komponentów |
|
ISLA214S35IR1Z Arkusz danych(PDF) 3 Page - Intersil Corporation |
|
ISLA214S35IR1Z Arkusz danych(HTML) 3 Page - Intersil Corporation |
3 / 41 page ISLA214S50 3 FN7973.1 December 21, 2011 Pin Descriptions PIN NUMBER NAME FUNCTION 2, 11, 14, 15, 46 AVDD 1.8V Analog Supply 12, 20, 47, 48 DNC Do Not Connect 3, 4, 9, 10 AVSS Analog Ground 7, 8 VINP Analog Input Positive 5, 6 VINN Analog Input Negative 1 VCM Common Mode Output 44 CLKDIV Clock Divider Control 16, 17 CLKP, CLKN Clock Input True, Complement 45 NAPSLP Power Control (Nap, Sleep modes) 13 RESETN Power On Reset (Active Low) 26, 29, 32, 35, 37, 38 OVSS Output Ground 25, 36, 39 OVDD 1.8V Digital Supply 22, 24 OVDD (PLL) 1.8V Analog Supply for SERDES PLL 21, 23 OVSS (PLL) Analog Ground Supply for SERDES PLL 18, 19 SYNCP, SYNCN JESD204A SYNC Input 27, 28 LANE0P, LANE0N SERDES Lane 0 30, 31 LANE1P, LANE1N SERDES Lane 1 33, 34 LANE2P, LANE2N SERDES Lane 2 40 SDO SPI Serial Data Output 41 CSB SPI Chip Select (active low) 42 SCLK SPI Clock 43 SDIO SPI Serial Data Input/Output PAD AVSS Exposed Paddle. Analog Ground (connect to AVSS) Ordering Information PART NUMBER (Notes 1, 2) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-free) PKG. DWG. # ISLA214S50IR1Z ISLA214S50 IR1Z -40 to +85 48 Ld QFN L48.7x7G Coming Soon ISLA214S35IR1Z ISLA214S35 IR1Z -40 to +85 48 Ld QFN L48.7x7G Coming Soon ISLA214S50IR48EV1Z Evaluation Board NOTES: 1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 2. For Moisture Sensitivity Level (MSL), please see device information page for ISLA214S50, ISLA214S35. For more information on MSL please see techbrief TB363. |
Podobny numer części - ISLA214S35IR1Z |
|
Podobny opis - ISLA214S35IR1Z |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |