Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA214S50IR48EV1Z Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISLA214S50IR48EV1Z
Szczegółowy opis  14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214S50IR48EV1Z Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISLA214S50IR48EV1Z Datasheet HTML 2Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 3Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 4Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 5Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 6Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 9Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ISLA214S50
6
FN7973.1
December 21, 2011
Power Supply Rejection Ratio
(Note 7)
PSRR
30MHz 200mVp-p
41
41
dB
1MHz 200mVp-p
47
47
dB
Total Power Dissipation
Normal Mode
PD
1060
1139
857
mW
Nap Mode
PD
421
466
352
mW
Sleep Mode
PD
CSB at logic high
6
12
6mW
Nap Mode Wakeup
Time
Sample Clock
Running
55
µs
Sleep Mode Wakeup Time
Sample Clock
Running
11
ms
AC SPECIFICATIONS (Note 8)
Differential Nonlinearity
DNL
-1.0
±0.35
1.4
±0.30
LSB
Integral Nonlinearity
INL
±2.4
±1.5
LSB
Minimum Conversion Rate
(Note 9)
fS MIN
200
175
MSPS
Maximum Conversion Rate
fS MAX
Efficient Packing
500
350
500
MSPS
Simple Packing
310
MSPS
Signal-to-Noise Ratio (Note
10)
SNR
fIN = 30MHz
73.1
74.1
dBFS
fIN = 105MHz
70
72.9
73.8
dBFS
fIN = 190MHz
72.5
73.2
dBFS
fIN = 363MHz
71.0
71.6
dBFS
fIN = 495MHz
70.1
70.1
dBFS
fIN = 605MHz
68.9
68.9
dBFS
Signal-to-Noise and
Distortion (Note 10)
SINAD
fIN = 30MHz
73.0
73.9
dBFS
fIN = 105MHz
69.4
72.7
73.6
dBFS
fIN = 190MHz
72.1
72.9
dBFS
fIN = 363MHz
70.4
71.3
dBFS
fIN = 495MHz
67.9
68.4
dBFS
fIN = 605MHz
67.0
67.0
dBFS
Effective Number of Bits
(Note 10)
ENOB
fIN = 30MHz
11.64
11.41
Bits
fIN = 105MHz
11.23
11.52
11.28
Bits
fIN = 190MHz
11.34
11.00
Bits
fIN = 363MHz
10.99
10.73
Bits
fIN = 495MHz
10.79
10.82
Bits
fIN = 605MHz
10.38
10.50
Bits
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply
over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA214S50
ISLA214S35
UNITS
MIN
(Note 6)
TYP
MAX
(Note 6)
MIN
(Note 6)
TYP
MAX
(Note 6)


Podobny numer części - ISLA214S50IR48EV1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISLA214S50IR48EV1Z RENESAS-ISLA214S50IR48EV1Z Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results

Podobny opis - ISLA214S50IR48EV1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com