Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCX70H Arkusz danych(PDF) 9 Page - Siemens Semiconductor Group

Numer części BCX70H
Szczegółowy opis  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX70H Arkusz danych(HTML) 9 Page - Siemens Semiconductor Group

  BCX70H Datasheet HTML 1Page - Siemens Semiconductor Group BCX70H Datasheet HTML 2Page - Siemens Semiconductor Group BCX70H Datasheet HTML 3Page - Siemens Semiconductor Group BCX70H Datasheet HTML 4Page - Siemens Semiconductor Group BCX70H Datasheet HTML 5Page - Siemens Semiconductor Group BCX70H Datasheet HTML 6Page - Siemens Semiconductor Group BCX70H Datasheet HTML 7Page - Siemens Semiconductor Group BCX70H Datasheet HTML 8Page - Siemens Semiconductor Group BCX70H Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Semiconductor Group
9
Noise figure F = f (f)
IC = 0.2 mA, RS = 2 k
Ω,VCE = 5 V
Noise figure F = f (IC)
VCE = 5 V, f = 1 kHz
Noise figure F = f (IC)
VCE = 5 V, f = 120 Hz
Noise figure F = f (IC)
VCE = 5 V, f = 10 kHz
BCW 60
BCX 70


Podobny numer części - BCX70H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCX70H PHILIPS-BCX70H Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Central Semiconductor C...
BCX70H CENTRAL-BCX70H Datasheet
329Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
logo
Samsung semiconductor
BCX70H SAMSUNG-BCX70H Datasheet
33Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Continental Device Indi...
BCX70H CDIL-BCX70H Datasheet
87Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Fairchild Semiconductor
BCX70H FAIRCHILD-BCX70H Datasheet
31Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Podobny opis - BCX70H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com