Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCX79-VII Arkusz danych(PDF) 7 Page - Siemens Semiconductor Group

Numer części BCX79-VII
Szczegółowy opis  PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX79-VII Arkusz danych(HTML) 7 Page - Siemens Semiconductor Group

  BCX79-VII Datasheet HTML 1Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 2Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 3Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 4Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 5Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 6Page - Siemens Semiconductor Group BCX79-VII Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
DC current gain hFE = f (IC)
VCE = 5 V (common emitter configuration)
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 20
Transition frequency fT = f (IC)
VCE = 5 V
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 20
BCX 78
BCX 79


Podobny numer części - BCX79-VII

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BCX79-10 MOTOROLA-BCX79-10 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX79-7 MOTOROLA-BCX79-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX79-8 MOTOROLA-BCX79-8 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX79-9 MOTOROLA-BCX79-9 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
More results

Podobny opis - BCX79-VII

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA56 INFINEON-SMBTA56_07 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com