Zakładka z wyszukiwarką danych komponentów |
|
TS3A26746EYZPR Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
TS3A26746EYZPR Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 8 page 1 2 A B C TS3A26746E www.ti.com SCDS313B – FEBRUARY 2011 – REVISED NOVEMBER 2011 2 X 2 Crosspoint Switch for Audio Applications Check for Samples: TS3A26746E 1 FEATURES PINOUT • Ultra Low RON for GND Switch (80-mΩ typical) • RON for MIC Switch <10-Ω • 3.0V to 3.6V V+ Operation • Control Input is 1.8-V Logic Compatible • 6-bump, 0.5mm pitch CSP Package (1.45mm × 0.95mm × 0.5mm) • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II • ESD Performance Tested Per JESD 22 DESCRIPTION – 2000-V Human-Body Model (A114-B, Class The TS3A26746E is a 2 × 2 cross-point switch that is II) used to interchange the Ground and MIC connections – 500-V Charged-Device Model (C101) on a headphone connector. The Ground switch has an ultra low RON of <0.1Ω to minimize voltage drop • ESD Performance (SLEEVE, RING2) across it, preventing undesired increases in – ±8-kV Contact Discharge (IEC 61000-4-2) headphone ground reference voltage. The switch state is controlled via the SEL input. When APPLICATIONS SEL=High, GND is connected to RING2 and MIC is connected to SLEEVE. When SEL=Low, GND is • Cellular phones connected to SLEEVE and MIC is connected to • PDAs RING2. An internal 100k pull-up resistor on the SEL • Portable Instrumentation input sets the default state of the switch. • Digital Still Cameras • Portable Navigation Devices ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING –40°C to 85°C YZP - WCSP Tape and Reel TS3A26746EYZPR 7N (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2011, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - TS3A26746EYZPR |
|
Podobny opis - TS3A26746EYZPR |