Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT720 Arkusz danych(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Numer części BAT720
Szczegółowy opis  SCHOTTKY BARRIER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Strona internetowa  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BAT720 Arkusz danych(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BAT720 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCHOTTKY BARRIER DIODE
FEATURES
High Switching Speed
Low Forward Voltage
Guard Ring Protected
APPLICATIONS
Voltage Clamping
Protection Circuits
MARKING: L61
MAXIMUM RATINGS ( Ta=25unless otherwise noted )
Symbol
Parameter
Value
Unit
VR
DC Blocking Voltage
40
V
IO
Continuous Forward Current
500
mA
IFSM
Non-repetitive peak Forward Current @ tp<10ms
2
A
PD
Power Dissipation
350
mW
RθJA
Thermal Resistance from Junction to Ambient
286
℃/W
Tj
Junction Temperature
125
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
40
V
Reverse current
IR
VR=35V
100
μA
Forward voltage
VF
IF=500mA
550
mV
SOT-23
BAT720
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Podobny numer części - BAT720

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAT720 PHILIPS-BAT720 Datasheet
47Kb / 8P
   Schottky barrier diode
1999 May 26
logo
Galaxy Semi-Conductor H...
BAT720 BILIN-BAT720 Datasheet
151Kb / 3P
   Schottky barrier diode
logo
Guangdong Kexin Industr...
BAT720 KEXIN-BAT720 Datasheet
36Kb / 1P
   Schottky barrier diode
logo
Micro Commercial Compon...
BAT720 MCC-BAT720 Datasheet
201Kb / 2P
   350mW Schottky Diodes 40 Volts
logo
Jiangsu Changjiang Elec...
BAT720 JIANGSU-BAT720 Datasheet
899Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

Podobny opis - BAT720

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com