Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1AL Arkusz danych(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Numer części ES1AL
Szczegółowy opis  Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DACHANG [Rugao Dachang Electronics Co., Ltd]
Strona internetowa  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

ES1AL Arkusz danych(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  ES1AL Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd ES1AL Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
特性曲线 Characteristic Curves
正向特性曲线(典型值)
正向电压
VF(V)
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
TJ=25°C
ES1AL ...... ES1JL
大昌电子
DACHANG ELECTRONICS
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
FORWARD CURRENT DERATING CURVE
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75 100 125 150 175
1
2
4 6
10
20
40
100
40
30
20
10
0
50
1.4
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1.0
10
50
ES1AL thru ES1DL
ES1EL thru ES1GL
ES1JL
Tj = 25 °C


Podobny numer części - ES1AL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
ES1AL TSC-ES1AL Datasheet
307Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1AL TSC-ES1AL Datasheet
461Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1AL TSC-ES1AL Datasheet
198Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
logo
Gaomi Xinghe Electronic...
ES1AL GXELECTRONICS-ES1AL Datasheet
354Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
ES1AL TSC-ES1AL Datasheet
380Kb / 4P
   Surface Mount Super Fast Rectifiers
More results

Podobny opis - ES1AL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rugao Dachang Electroni...
ES1A DACHANG-ES1A Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
ES3A DACHANG-ES3A Datasheet
119Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 3.0 A
ES2A DACHANG-ES2A Datasheet
120Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 2.0 A
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
GOOD-ARK Electronics
ES1A GOOD-ARK-ES1A Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
ES1A GOOD-ARK-ES1A_15 Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Rugao Dachang Electroni...
RS3A DACHANG-RS3A Datasheet
118Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
First Silicon Co., Ltd
ES2A FS-ES2A Datasheet
202Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 2.0 Amperes
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com