Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1A Arkusz danych(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Numer części ES1A
Szczegółowy opis  1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Strona internetowa  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

ES1A Arkusz danych(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  ES1A Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ES1A Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ES1A Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ES1A THRU ES1M
1 Amp Super Fast
Recovery
Silicon Rectifier
50 to 1000 Volts
DO-214AC
(SMAJ) (High Profile)
Features
• For Surface Mount Applications
• Extremely Low Thermal Resistance
• Easy Pick And Place
• High Temp Soldering: 250°C for 10 Seconds At Terminals
• Superfast Recovery Times For High Efficiency
Maximum Ratings
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
100
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
45pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
Operating Temperature: -50
°C to +150°C
Storage Temperature: -50
°C to +150°C
Maximum Thermal Resistance; 15
°C/W Junction To Lead
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
ES1M
ES1M
1000V
700V
1000V
ES1A
ES1A
50V
35V
50V
ES1B
ES1B
100V
70V
100V
ES1C
ES1C
150V
105V
150V
ES1D
ES1D
200V
140V
200V
ES1G
ES1G
400V
280V
400V
ES1J
ES1J
600V
420V
600V
ES1K
ES1K
800V
560V
800V
Maximum Reverse
Recovery Time
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.067
.089
1.70
2.25
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.035
.055
.89
1.40
F
.065
.096
1.65
2.45
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.100
.112
2.57
2.84
H
J
E
F
G
A
B
D
C
Cathode Band
ES1A-D
50ns
          
ES1G-K
60ns
         
ES1M
100ns
          
ES1A-D
.975V
ES1G-K
1.35V
ES1M
1.60V
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu
Date:2011/05


Podobny numer części - ES1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
ES1A PANJIT-ES1A Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Sangdest Microelectroni...
ES1A SMC-ES1A Datasheet
185Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
ES1A SEMTECH_ELEC-ES1A Datasheet
320Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
HY ELECTRONIC CORP.
ES1A HY-ES1A Datasheet
441Kb / 3P
   Surface Mount Super Fast Glass Passivated Rectifiters
logo
Dc Components
ES1A DCCOM-ES1A Datasheet
391Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
More results

Podobny opis - ES1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
ER1A MCC-ER1A Datasheet
631Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A MCC-ES1A Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE Datasheet
143Kb / 4P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105_13 Datasheet
369Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105_11 Datasheet
338Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MUR105 PFS-MUR105 Datasheet
215Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MUR105 MCC-MUR105 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
MUR105-DO41 YFWDIODE-MUR105-DO41 Datasheet
382Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR1A MCC-FR1A Datasheet
622Kb / 3P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FS1A MCC-FS1A_11 Datasheet
234Kb / 4P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com