Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5V925BQI8 Arkusz danych(PDF) 3 Page - Integrated Device Technology

Numer części 5V925BQI8
Szczegółowy opis  Programmable LVCMOS/LVTTL Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

5V925BQI8 Arkusz danych(HTML) 3 Page - Integrated Device Technology

  5V925BQI8 Datasheet HTML 1Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 2Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 3Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 4Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 5Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 6Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 7Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 8Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IDT5V925BQGI REVISION B JANUARY 21, 2011
3
©2011 Integrated Device Technology, Inc.
IDT5V925BI Data Sheet
PROGRAMMABLE LVCMOS/LVTTL CLOCK GENERATOR
Function Tables
Table 3A. Function Table
NOTE 1: Operation in the specified CLKIN frequency range guarantees that the VCO will operate in the optimal range of 25MHz to 160MHz.
Operation with CLKIN outside specified frequency ranges may result in invalid or out-of-lock outputs.
NOTE 2: Q[2:0] are not allowed to be used as feedback.
Table 3B. Divide Selection Table (1)
NOTE 1: H = HIGH, M = MEDIUM, L = LOW.
NOTE 2: Factory Test Mode: operation not specified.
NOTE 3: Ethernet mode (use a 25MHz input frequency and Q/N as feedback).
NOTE 4: Test mode for low frequency testing. In this mode, CLKIN bypasses the VCO (VCO powered down). Frequency must be > 1MHz due
to dynamic circuits in the frequency dividers. Q[2:0] outputs are divided by 2 in test mode.
Output Used for Feedback
Allowable CLKIN Range (MHz) (1, 2)
Output Frequency Relationships
Minimum
Maximum
Q/N
Q[2:0]
Q/N
25/N
160/N
CLKIN
CLKIN x N
S1
S0
Divide-by-N Value
Mode
L
L
Factory Test (2)
LM
2
PLL
LH
3
PLL
ML
4
PLL
MM
5(3) (default)
PLL
MH
6
PLL
HL
7
PLL
HM
8
PLL
H
H
16
TEST(4)


Podobny numer części - 5V925BQI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
5V9885TNLGI IDT-5V9885TNLGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TNLGI8 IDT-5V9885TNLGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI IDT-5V9885TPFGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI8 IDT-5V9885TPFGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results

Podobny opis - 5V925BQI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
IDT5V925BI RENESAS-IDT5V925BI Datasheet
414Kb / 19P
   Programmable LVCMOS/LVTTL Clock Generator
March 10, 2016
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
   LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
logo
Integrated Device Techn...
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
   FemtoClock LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
   FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Integrated Device Techn...
87021I IDT-87021I Datasheet
233Kb / 14P
   Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
   FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
logo
Integrated Device Techn...
87016 IDT-87016 Datasheet
271Kb / 17P
   Low Skew LVCMOS/LVTTL Clock Generator
logo
Integrated Circuit Syst...
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com