Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5V2305NRI Arkusz danych(PDF) 8 Page - Integrated Device Technology

Numer części 5V2305NRI
Szczegółowy opis  2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

5V2305NRI Arkusz danych(HTML) 8 Page - Integrated Device Technology

Back Button 5V2305NRI Datasheet HTML 2Page - Integrated Device Technology 5V2305NRI Datasheet HTML 3Page - Integrated Device Technology 5V2305NRI Datasheet HTML 4Page - Integrated Device Technology 5V2305NRI Datasheet HTML 5Page - Integrated Device Technology 5V2305NRI Datasheet HTML 6Page - Integrated Device Technology 5V2305NRI Datasheet HTML 7Page - Integrated Device Technology 5V2305NRI Datasheet HTML 8Page - Integrated Device Technology 5V2305NRI Datasheet HTML 9Page - Integrated Device Technology 5V2305NRI Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
INDUSTRIALTEMPERATURERANGE
IDT5V2305
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
TEST CIRCUITS AND WAVEFORMS (cont.)
Idd vs Frequency
0
5
10
15
20
25
30
35
40
45
0
20
40
60
80
100
120
140
160
170
180
200
Frequency (MHz)
Vdd = 2.5V
Vdd = 3.3V


Podobny numer części - 5V2305NRI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
5V2305NRGI IDT-5V2305NRGI Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
5V2305NRGI RENESAS-5V2305NRGI Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
5V2305NRGI8 IDT-5V2305NRGI8 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
5V2305NRGI8 RENESAS-5V2305NRGI8 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
More results

Podobny opis - 5V2305NRI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305 Datasheet
53Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310 IDT-IDT5V2310_09 Datasheet
90Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_14 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2310 RENESAS-IDT5V2310 Datasheet
249Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
logo
Integrated Device Techn...
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com