Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74FCT388915T10JG Arkusz danych(PDF) 10 Page - Integrated Device Technology

Numer części 74FCT388915T10JG
Szczegółowy opis  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT388915T10JG Arkusz danych(HTML) 10 Page - Integrated Device Technology

Back Button 74FCT388915T10JG Datasheet HTML 2Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 3Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 4Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 5Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 6Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 7Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 8Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 9Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
COMMERCIALTEMPERATURERANGE
10
IDT74FCT388915T
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (3-STATE)
ORDERING INFORMATION
XXXX
Device Type
Package
J
JG
PY
PYG
388915T
Plastic Leaded Chip Carrier
PLCC - Green
Small Shrink Outline IC
SSOP - Green
3.3V Low skew PLL-based CMOS clock driver
XX
Speed
70
100
133
150
70MHz Max. Frequency
100MHz Max. Frequency
133MHz Max. Frequency
150MHz Max. Frequency
XX
FCT
XX
Temp. Range
74
0°C to +70°C
(1)
(1)
(1)
(1)
NOTE:
1. When ordering GREEN packages, replace this numeric value with the equivalent letter below.
B= 70 MHz
(JG or PYG)
C= 100 MHz
(JG or PYG)
D= 133 MHz
(JG or PYG)
E= 150 MHz
(JG or PYG)
For example, to order a 133MHz version, Green PLCC, the nomenclature would be 74FCT388915TDJG.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
clockhelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com


Podobny numer części - 74FCT388915T10JG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
74FCT3807 RENESAS-74FCT3807 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
74FCT3807 RENESAS-74FCT3807 Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
74FCT38072DCGI RENESAS-74FCT38072DCGI Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
74FCT38072DGGI IDT-74FCT38072DGGI Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
More results

Podobny opis - 74FCT388915T10JG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com