Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74FCT388915T10PY Arkusz danych(PDF) 2 Page - Integrated Device Technology

Numer części 74FCT388915T10PY
Szczegółowy opis  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT388915T10PY Arkusz danych(HTML) 2 Page - Integrated Device Technology

  74FCT388915T10PY Datasheet HTML 1Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 2Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 3Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 4Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 5Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 6Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 7Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 8Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
COMMERCIALTEMPERATURERANGE
2
IDT74FCT388915T
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (3-STATE)
PIN CONFIGURATION
PIN DESCRIPTION
Q/2
GND
Q3
VCC
Q2
GND
LOCK
FEEDBK
REF_SEL
SYNC(0)
VCC(AN)
LF
GND(AN)
SYNC(1)
28
43
21
27
26
25
24
23
22
21
20
19
5
6
7
8
9
10
11
12
13
14
15
16
17
18
5
6
7
8
9
10
VCC
OE/RST
FEEDBACK
1
2
3
4
20
19
18
17
16
15
14
13
Q4
12
11
GND
Q/2
REF_SEL
SYNC(0)
VCC(AN)
LF
VCC
GND
Q3
VCC
Q2
GND
GND(AN)
LOCK
Q5
2Q
21
22
23
24
SYNC(1)
FREQ_SEL
GND
Q0
VCC
Q1
GND
PLL_EN
25
26
27
28
SSOP
TOP VIEW
PLCC
TOP VIEW
Pin Name
I/O
Description
SYNC(0)
I
Referenceclockinput
SYNC(1)
I
Referenceclockinput
REF_SEL
I
Chooses reference between SYNC (0) & SYNC (1) (refer to functional block diagram)
FREQ_SEL
I
Selects between ÷ 1 and ÷ 2 frequency options (refer to functional block diagram)
FEEDBACK
I
Feedbackinputtophasedetector
LF
I
Input for external loop filter connection
Q0-Q4
O
Clock output
Q5
O
Inverted clock output
2Q
O
Clock output (2 x Q frequency)
Q/2
O
Clock output (Q frequency ÷ 2)
LOCK
O
Indicates phase lock has been achieved (HIGH when locked)
OE/
RST
I
Asynchronous reset (active LOW) and output enable (active HIGH). When HIGH, outputs are enabled. When LOW, outputs are in
HIGH impedance.
PLL_EN
I
Disables phase-lock for low frequency testing (refer to functional block diagram)


Podobny numer części - 74FCT388915T10PY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
74FCT3807 RENESAS-74FCT3807 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
74FCT3807 RENESAS-74FCT3807 Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
74FCT38072DCGI RENESAS-74FCT38072DCGI Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
74FCT38072DGGI IDT-74FCT38072DGGI Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
More results

Podobny opis - 74FCT388915T10PY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com