Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

932S208YFLNT Arkusz danych(PDF) 4 Page - Integrated Device Technology

Numer części 932S208YFLNT
Szczegółowy opis  Programmable Timing Control HubTM for Next Gen P4TM Processor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

932S208YFLNT Arkusz danych(HTML) 4 Page - Integrated Device Technology

  932S208YFLNT Datasheet HTML 1Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 2Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 3Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 4Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 5Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 6Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 7Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 8Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IDTTM Programmable Timing Control HubTM for Next Gen P4TM Processor
0743G—01/26/10
ICS932S208
Programmable Timing Control HubTM for Next Gen P4TM Processor
4
General Description
Block Diagram
Power Groups
ICS932S208 follows Intel CK409B Yellow Cover specification. This clock synthesizer provides a single chip solution for next
generation P4 Intel processors and Intel chipsets. ICS932S208 is driven with a 14.318MHz crystal. It generates CPU outputs
up to 200MHz. It also provides a tight ppm accuracy output for Serial ATA support.
I REF
PLL2
Frequency
Dividers
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
STOP
Logic
48MHz, USB, DOT
X1
X2
XTAL
SDATA
SCLK
Vtt_PWRGD#
PD#
FS_A
FS_B
Control
Logic
REF (1:0)
CPUCLKT (3:0)
CPUCLKC (3:0)
SRCCLKT0
SRCCLKC0
3V66(4:0)
PCICLK (6:0)
PCICLKF (2:0)
VDD
GND
3
6
Xtal, Ref
24
25
3V66 [0:3]
10,16
11,17
PCICLK outputs
36
39
SRCCLK outputs
55
54
Master clock, CPU Analog
34
33
48MHz, PLL
N/A
53
IREF
48, 42
45
CPUCLK clocks
Description
Pin Number


Podobny numer części - 932S208YFLNT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
932S208DFLF RENESAS-932S208DFLF Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DFLFT RENESAS-932S208DFLFT Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DGLF RENESAS-932S208DGLF Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DGLFT RENESAS-932S208DGLFT Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DGLN RENESAS-932S208DGLN Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
More results

Podobny opis - 932S208YFLNT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
logo
Integrated Device Techn...
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
   Programmable Timing Control HubTM for P4TM
logo
Renesas Technology Corp
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Circuit Syst...
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
   Programmable Timing Control HubTM for Mobile P4TM Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com