Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

932S805CGLF Arkusz danych(PDF) 11 Page - Integrated Device Technology

Numer części 932S805CGLF
Szczegółowy opis  K8 Clock Chip for Serverworks HT2100 Servers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

932S805CGLF Arkusz danych(HTML) 11 Page - Integrated Device Technology

Back Button 932S805CGLF Datasheet HTML 7Page - Integrated Device Technology 932S805CGLF Datasheet HTML 8Page - Integrated Device Technology 932S805CGLF Datasheet HTML 9Page - Integrated Device Technology 932S805CGLF Datasheet HTML 10Page - Integrated Device Technology 932S805CGLF Datasheet HTML 11Page - Integrated Device Technology 932S805CGLF Datasheet HTML 12Page - Integrated Device Technology 932S805CGLF Datasheet HTML 13Page - Integrated Device Technology 932S805CGLF Datasheet HTML 14Page - Integrated Device Technology 932S805CGLF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ICS932S805C
K8 Clock Chip for Serverworks HT2100 Servers
11
IDT®
K8 Clock Chip for Serverworks HT2100 Servers
1131D – 05/04/10
SMBus Table: CPU/SRC Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
Reserved
Reserved
R
-
-
0
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
SMBus Table: SRC Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
Reserved
Reserved
R
-
-
0
Bit 6
Reserved
Reserved
R
-
-
0
Bit 5
Reserved
Reserved
R
-
-
0
Bit 4
Reserved
Reserved
R
-
-
0
Bit 3
Reserved
Reserved
R
-
-
0
Bit 2
Reserved
Reserved
R
-
-
0
Bit 1
Reserved
Reserved
R
-
-
0
Bit 0
Reserved
Reserved
R
-
-
0
SMBus Table: Programmable Output Divider Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
CPUDiv3
RW
X
Bit 6
CPUDiv2
RW
X
Bit 5
CPUDiv1
RW
X
Bit 4
CPUDiv0
RW
X
Bit 3
Reserved
Reserved
R
-
-
0
Bit 2
Reserved
Reserved
R
-
-
0
Bit 1
Reserved
Reserved
R
-
-
0
Bit 0
Reserved
Reserved
R
-
-
0
SMBus Table: Programmable Output Divider Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
33MHzDiv3
RW
X
Bit 6
33MHzDiv2
RW
X
Bit 5
33MHzDiv1
RW
X
Bit 4
33MHzDiv0
RW
X
Bit 3
SRC_Div3
RW
X
Bit 2
SRC_Div2
RW
X
Bit 1
SRC_Div1
RW
X
Bit 0
SRC_Div0
RW
X
SMBusTable: Reserved Regsiter
Byte 21 is reserved do not write this register!
-
-
-
-
Byte 18
Byte 18
-
-
-
-
-
-
-
-
-
Byte 19
-
-
-
-
-
-
-
-
-
-
Byte 20
-
-
-
-
-
-
-
-
-
33MHz Divider Ratio Programming
Bits
33MHz Divider Ratio Table
See CPU Divider Ratios
Table
Spread Spectrum Programming
bit(14:8)
SRC Divider Ratio Table
CPU Divider Ratio Programming Bits
SRC_ Divider Ratio Programming Bits
These Spread Spectrum bits
in Byte 17 and 18 will
program the spread
pecentage of CPU and SRC
outputs.


Podobny numer części - 932S805CGLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
932S805CGLF RENESAS-932S805CGLF Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
932S805CGLFT RENESAS-932S805CGLFT Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
More results

Podobny opis - 932S805CGLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ICS932S805C RENESAS-ICS932S805C Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
logo
List of Unclassifed Man...
ICS932S801AFLF ETC2-ICS932S801AFLF Datasheet
183Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Renesas Technology Corp
ICS932S801 RENESAS-ICS932S801 Datasheet
397Kb / 21P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
2019
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
logo
Integrated Circuit Syst...
ICS932S825 ICST-ICS932S825 Datasheet
231Kb / 20P
   Low Power Clock Chip for Serverworks HT2400 Servers
logo
Renesas Technology Corp
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
   Clock Chip for 2 and 4-way AMD K8-based servers
2019
logo
Integrated Circuit Syst...
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com