Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2300 Arkusz danych(PDF) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Numer części SI2300
Szczegółowy opis  20 V N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Strona internetowa  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

SI2300 Arkusz danych(HTML) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  SI2300 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. SI2300 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. SI2300 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. SI2300 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
- 3 -
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
2.5
On-Resistance vs. Drain Current
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
0
2
4
6
8
10
012345
TC = 125_C
–55
_C
0, 0.5, 1 V
VGS = 5 thru 2.5 V
1.5 V
2 V
0
200
400
600
800
1000
0
4
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–50
0
50
100
150
0
1
2
3
4
5
01234567
0
0.03
0.06
0.09
0.12
0.15
02468
10
Gate Charge
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 3.6 A
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
VGS = 4.5 V
ID = 3.6 A
TJ – Junction Temperature (_C)
VGS = 2.5 V
VGS = 4.5 V
25
_C
Date:2011/05
www.htsemi.com
semiconductor
JinYu
20V N-Channel Enhancement Mode MOSFET
SI2300


Podobny numer części - SI2300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
SI2300 KEXIN-SI2300 Datasheet
48Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
SI2300 KEXIN-SI2300 Datasheet
630Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
logo
ZP Semiconductor
SI2300 ZPSEMI-SI2300 Datasheet
503Kb / 6P
   N-Channel Enhancement Mode MOSFET
logo
GUANGDONG HOTTECH INDUS...
SI2300 HOTTECH-SI2300 Datasheet
283Kb / 3P
   N-Channel MOSFET
logo
Guangdong Kexin Industr...
SI2300-3 KEXIN-SI2300-3 Datasheet
751Kb / 2P
   N-Channel Enhancement MOSFET
More results

Podobny opis - SI2300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Jin Yu Semicon...
XP151A13COMR HTSEMI-XP151A13COMR Datasheet
2Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
FDN335N HTSEMI-FDN335N Datasheet
1Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2312 HTSEMI-SI2312 Datasheet
1Mb / 3P
   20 V N-Channel Enhancement Mode MOSFET
PT8205A HTSEMI-PT8205A Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
PT8205 HTSEMI-PT8205 Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
PT8822 HTSEMI-PT8822 Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
XP152A12COMR HTSEMI-XP152A12COMR Datasheet
2Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
PT4410 HTSEMI-PT4410 Datasheet
1Mb / 3P
   30 V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com