Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N3879 Arkusz danych(PDF) 8 Page - Vishay Siliconix

Numer części 1N3879
Szczegółowy opis  Fast Recovery Diodes (Stud Version), 6/12/16 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3879 Arkusz danych(HTML) 8 Page - Vishay Siliconix

Back Button 1N3879 Datasheet HTML 4Page - Vishay Siliconix 1N3879 Datasheet HTML 5Page - Vishay Siliconix 1N3879 Datasheet HTML 6Page - Vishay Siliconix 1N3879 Datasheet HTML 7Page - Vishay Siliconix 1N3879 Datasheet HTML 8Page - Vishay Siliconix 1N3879 Datasheet HTML 9Page - Vishay Siliconix 1N3879 Datasheet HTML 10Page - Vishay Siliconix 1N3879 Datasheet HTML 11Page - Vishay Siliconix 1N3879 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93138
8
Revision: 26-Sep-08
1N3879(R), 1N3889(R), 6/12/16FL(R) Series
Vishay High Power Products
Fast Recovery Diodes
(Stud Version), 6/12/16 A
Fig. 17a - Typical Reverse Recovery Time vs.
Rate of Fall of Forward Current, All Series ...S02
Fig. 17b - Typical Recovered Charge vs.
Rate of Fall of Forward Current, All Series ...S02
Fig. 18a - Typical Reverse Recovery Time vs.
Rate of Fall of Forward Current, All Series ...S05
Fig. 18b - Typical Recovered Charge vs.
Rate of Fall of Forward Current, All Series ...S05
Fig. 19a - Typical Reverse Recovery Time vs.
Rate of Fall of Forward Current, All Series ...S10
Fig. 19b - Typical Recovered Charge vs.
Rate of Fall of Forward Current, All Series ...S10


Podobny numer części - 1N3879

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879 Datasheet
110Kb / 2P
   Fast Recovery Rectifier
logo
Vishay Siliconix
1N3879 VISHAY-1N3879 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
GeneSiC Semiconductor, ...
1N3879 GENESIC-1N3879 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

Podobny opis - 1N3879

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
VS-1N3879 VISHAY-VS-1N3879 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com