Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIA78R06 Arkusz danych(PDF) 4 Page - Tiger Electronic Co.,Ltd

Numer części KIA78R06
Szczegółowy opis  1A Low Dropout Voltage Regulator With ON/OFF Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TGS [Tiger Electronic Co.,Ltd]
Strona internetowa  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KIA78R06 Arkusz danych(HTML) 4 Page - Tiger Electronic Co.,Ltd

  KIA78R06 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KIA78R06 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KIA78R06 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KIA78R06 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KIA78R06 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd KIA78R06 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd KIA78R06 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
KIA78RXX
4/7
TEST CI RCUI T
Standard Test Circuit
Ripple Rejection Test Circuit
Note1
Note2
Note3
KIA78R 25
VIN=4.5V
Vin=3.5~ 9.5V
KIA78R 33
Vin=5.0V
Vin=4.3~ 1 0 .3V
KIA78R 05
Vin=7.0V
Vi n=6~1 2 V
KIA78R 06
Vin=8.0V
Vi n=7~1 5 V
KIA78R 08
Vin=10V
Vi n=9~2 5 V
KIA78R 09
Vin=15V
Vi n=10~ 25 V
KIA78R 10
Vin=16V
Vi n=11 ~ 2 6 V
KIA78R 12
Vin=18V
Vi n=13~ 29 V
KIA78R 15
Vin=21V
Vi n=16~ 32 V
Vout=0.9 5 Vo
KIA78RXX
KIA78RXX


Podobny numer części - KIA78R06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA78R06API KEC-KIA78R06API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Tiger Electronic Co.,Lt...
KIA78R06API TGS-KIA78R06API Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
KEC(Korea Electronics)
KIA78R06F KEC-KIA78R06F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R06F KEC-KIA78R06F Datasheet
108Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
Tiger Electronic Co.,Lt...
KIA78R06FXX TGS-KIA78R06FXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results

Podobny opis - KIA78R06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com