Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0107NA Arkusz danych(PDF) 1 Page - Tiger Electronic Co.,Ltd

Numer części Z0107NA
Szczegółowy opis  1A TRIACS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TGS [Tiger Electronic Co.,Ltd]
Strona internetowa  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

Z0107NA Arkusz danych(HTML) 1 Page - Tiger Electronic Co.,Ltd

  Z0107NA Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
Z01XXMA Z01XXNA
Repetitive peak off-state
voltages
V
DRM
V
RRM
600
800
V
RMS on-state current
I
T(RMS)
1.0
A
Non-repetitive peak
on-state current
I
TSM
8.0
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
Z01XXMA / Z01XXNA
GENERAL DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Z01XXMA Z01XXNA
Repetitive peak off-state
voltages
V
DRM
V
RRM
600
800
V
RMS on-state current
I
T(RMS)
all conduction angles
1.0
A
On-state voltage
V
T
I
T=1.4 A
1.56
V
1A TRIACS
The Z01 series is suitable for general purpose AC switching applications. They can be found
in applications such as home appliances (electrovalve, pump, door lock, small lamp control),
fan speed controllers,...
Different gate current sensitivities are available, allowing optimized performances when
controlled directly from microcontrollers.
Product specification
TO-92
Tables 1: ABSOLUTE MAXIMUM RATINGS
Tables 2: ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
Parameter
Symbol
Test Conditions
Quadrant
Z01
Unit
03
07
09
Gate trigger current
I
GT
V
D=12V RL=30Ω
I - II - III
MAX
3.0
5.0
10
mA
IV
MAX
5.0
7.0
10
Gate trigger voltage
V
GT
V
D=12V RL=30Ω
ALL
MAX
1.3
V
Latching current
I
L
I
G =1.2 IGT
I - III - IV
MAX
7.0
10
15
mA
II
MAX
15
20
25
Holding current
I
H
I
T = 50 mA
MAX
7.0
10
10
mA
Tables 3: ELECTRICAL CHARACTERISTICS( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Podobny numer części - Z0107NA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0107NA PHILIPS-Z0107NA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0107NA STMICROELECTRONICS-Z0107NA Datasheet
74Kb / 8P
   1A TRIACS
Z0107NA STMICROELECTRONICS-Z0107NA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0107NA NXP-Z0107NA Datasheet
184Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107NA NXP-Z0107NA Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results

Podobny opis - Z0107NA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
   1A 500V/600V BIDIRECTIONAL TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com